Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NTP53X2 Datasheet(PDF) 24 Page - NXP Semiconductors

Part # NTP53X2
Description  NTAG 5 link - NFC Forum-compliant I2C bridge
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

NTP53X2 Datasheet(HTML) 24 Page - NXP Semiconductors

Back Button NTP53X2 Datasheet HTML 20Page - NXP Semiconductors NTP53X2 Datasheet HTML 21Page - NXP Semiconductors NTP53X2 Datasheet HTML 22Page - NXP Semiconductors NTP53X2 Datasheet HTML 23Page - NXP Semiconductors NTP53X2 Datasheet HTML 24Page - NXP Semiconductors NTP53X2 Datasheet HTML 25Page - NXP Semiconductors NTP53X2 Datasheet HTML 26Page - NXP Semiconductors NTP53X2 Datasheet HTML 27Page - NXP Semiconductors NTP53X2 Datasheet HTML 28Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 133 page
background image
NXP Semiconductors
NTP53x2
NTAG 5 link - NFC Forum-compliant I2C bridge
NTP53x2
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2020. All rights reserved.
Product data sheet
Rev. 3.3 — 3 July 2020
COMPANY PUBLIC
544533
24 / 133
In plain password mode, NTAG 5 link implements the NFC Authentication Limit in
counting negative Password Authentication attempts with the SET PASSWORD
command, except for the Privacy password. The counter will be reset automatically to
zero after a successful authentication.
Table 21. NFC Authentication Limit Counter (NFC_AUTH_LIMIT) location
Block Address
NFC
I2C
Byte 0
Byte 1
Byte 2
Byte 3
0Eh
100Eh
NFC_AUTH_
LIMIT (LSB)
NFC_AUTH_
LIMIT (MSB)
RFU
Byte 0 of Block 0Eh is LSB and Byte 1 is MSB of the NFC Authentication Limit counter
value.
The Authentication limit is enabled with the most significant bit of Byte 1 is set to 1b. The
remaining 15 bits of NFC_AUTH_LIMIT are defining the preset value.
The start value for the Authentication Limit can be preset with a WRITE CONFIG
command (see Section 8.2.3.2.2) if
• the Crypto Config Header is not set to "Locked" and the NFC Global Crypto Header is
not set to "Activated" or
• a valid mutual authentication with a key with the Crypto Config privilege set has been
executed before.
In plain password mode, the Counter can be written with a WRITE CONFIG command
(see Section 8.2.3.2.2) if
• the Crypto Config Header is not set to "Locked" and NFC Global Crypto Header is not
set to "Locked", or
• a valid SET_PASSWORD command with the write password has been executed
before. In 64-bit password mode, both read and write passwords are required.
Examples:
• 8000h enables and presets the authentication limit to 0, which means the maximum
number of authentications (32767) before a preset is required again
• F000h enables and presets the authentication limit to 28672
If the NFC Authentication Limit is enabled, the authentication limit value is increased by
one at each CHALLENGE or AUTHENTICATE command (first step only). As soon as the
value of the Authentication limit reaches
• FF00h: only mutual authentication will be accepted to reset the authentication limit
• FFFFh: no further authentication is possible any longer. This status is irreversible.
Remark: The absolute maximum authentication limit value is FFFEh before a preset is
required, otherwise the authentication is irreversibly locked (no longer available).
From I2C perspective, this block can be read and written if not locked by the I2C section
lock.
8.1.3.7 NFC Key Header
The NFC Key Header bytes (NFC_KH0, NFC_KH1, NFC_KH2, NFC_KH3) define the
status for the related NFC key.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com