Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NTP53X2 Datasheet(PDF) 78 Page - NXP Semiconductors

Part # NTP53X2
Description  NTAG 5 link - NFC Forum-compliant I2C bridge
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

NTP53X2 Datasheet(HTML) 78 Page - NXP Semiconductors

Back Button NTP53X2 Datasheet HTML 74Page - NXP Semiconductors NTP53X2 Datasheet HTML 75Page - NXP Semiconductors NTP53X2 Datasheet HTML 76Page - NXP Semiconductors NTP53X2 Datasheet HTML 77Page - NXP Semiconductors NTP53X2 Datasheet HTML 78Page - NXP Semiconductors NTP53X2 Datasheet HTML 79Page - NXP Semiconductors NTP53X2 Datasheet HTML 80Page - NXP Semiconductors NTP53X2 Datasheet HTML 81Page - NXP Semiconductors NTP53X2 Datasheet HTML 82Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 133 page
background image
NXP Semiconductors
NTP53x2
NTAG 5 link - NFC Forum-compliant I2C bridge
NTP53x2
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2020. All rights reserved.
Product data sheet
Rev. 3.3 — 3 July 2020
COMPANY PUBLIC
544533
78 / 133
Mutual Authentication (MAM1, MAM2)
The mutual authentication is a two-pass authentication procedure. The first
AUTHENTICATE command (MAM1) is executing the tag authentication and gets
the challenge from NTAG 5 link. The second AUTHENTICATE command (MAM2) is
executing the interrogator authentication.
Table 161 defines the message within the AUTHENTICATE command for mutual
authentication (MAM1).
For more detailed information, refer to ISO/IEC 29167-10.
Table 161. Message format for MAM1
AuthMethode
Step
MAM1_RFU
KeyID
IChallenge_MAM1
# of bits
2
2
4
8
80
Description
10b
00b
0000b
[7:0]
random interrogator challenge
Table 162 defines the response of NTAG 5 link to an AUTHENTICATE command for
MAM1.
For more detailed information, refer to ISO/IEC 29167-10.
Table 162. TReseponse for MAM1
TResponse MAM1 (176 bit)
AES-ECB-ENC(Key[KeyID].ENC_key,C_TAM1[15:0] || TChallenge_MAM1[31:0] || IChallenge_TAM1[79:0]) || TChallenge_
MAM1[79:32]
Table 163 defines the message within the AUTHENTICATE command for mutual
authentication (MAM2).
For more detailed information, refer to ISO/IEC 29167-10.
Table 163. Message format for MAM2
AuthMethode
Step
MAM2_RFU
IResponse
# of bits
2
2
4
128
Description
10b
01b
0000b
AES-DEC(, Key[KeyID].ENC_key,C_
MAM2[11:0] || Purpose_MAM2[3:0] ||
IChallenge_MAM1[31:0] || TChallenge_
MAM1[79:0])
Table 164 defines valid values for Purpose_MAM2 for NTAG 5 link.
Table 164. Definition of Purpose_MAM2
Purpose_MAM2
Description
0000b
Mutual Authentication
Standard
all other 0xxxb
RFU
1000b
Disable NFC Privacy Mode until NFC field reset
1001b
Enable NFC Privacy Mode
1010b
Disable NFC Privacy Mode
1011b
Destroy NTAG 5 link
NXP specific
all other 1xxxb
RFU



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com