Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NTP53X2 Datasheet(PDF) 79 Page - NXP Semiconductors

Part # NTP53X2
Description  NTAG 5 link - NFC Forum-compliant I2C bridge
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

NTP53X2 Datasheet(HTML) 79 Page - NXP Semiconductors

Back Button NTP53X2 Datasheet HTML 75Page - NXP Semiconductors NTP53X2 Datasheet HTML 76Page - NXP Semiconductors NTP53X2 Datasheet HTML 77Page - NXP Semiconductors NTP53X2 Datasheet HTML 78Page - NXP Semiconductors NTP53X2 Datasheet HTML 79Page - NXP Semiconductors NTP53X2 Datasheet HTML 80Page - NXP Semiconductors NTP53X2 Datasheet HTML 81Page - NXP Semiconductors NTP53X2 Datasheet HTML 82Page - NXP Semiconductors NTP53X2 Datasheet HTML 83Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 133 page
background image
NXP Semiconductors
NTP53x2
NTAG 5 link - NFC Forum-compliant I2C bridge
NTP53x2
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2020. All rights reserved.
Product data sheet
Rev. 3.3 — 3 July 2020
COMPANY PUBLIC
544533
79 / 133
Table 165 defines the response of NTAG 5 link to an AUTHENTICATE command for
MAM2.
For more detailed information, refer to ISO/IEC 29167-10.
Table 165. TReseponse for MAM2
TResponse MAM2 (0 bit)
Empty message (no data)
8.2.3.4.5 CHALLENGE
As defined in ISO/IEC 15693 and ISO/IEC 29167-10.
Command code = 39h
CSI code= 00h (AES Crypto Suite)
The CHALLENGE command transmits the message (challenge) to NTAG 5 link to
authenticate as defined in ISO/IEC 15693.
The CHALLENGE command can only be executed in the READY state and in not
addressed mode.
After receiving a valid CHALLENGE command, NTAG 5 link starts with the crypto
calculation.
If the calculation is finalized, NTAG 5 link will respond to a valid READBUFFER
command with the result of the crypto calculation based on the previous CHALLENGE
command message.
NTAG 5 link supports the Crypto Suite AES128 as defined in ISO/IEC 29167-10.
Only Option_flag = 0b is supported.
Table 166. CHALLENGE request format
Flags
CHALLENGE
UID
CSI
Message
CRC16
8 bits
8 bits
64 bits (optional)
8 bits
96 bits
16 bits
Table 167 defines the message within the CHALLENGE command.
For more detailed information, refer to ISO/IEC 29167-10.
Table 167. Message format
AuthMethode
CustomData
TAM1_RFU
KeyID
IChallenge_TAM1
# of bits
2
1
5
8
80
Description
00b
0b
00000b
[7:0]
random interrogator challenge
No response is sent on a CHALLENGE command.
For more detailed information, refer to ISO/IEC 29167-10.
8.2.3.4.6 READBUFFER
As defined in ISO/IEC 15693 and ISO/IEC 29167-10.
Command code = 3Ah
The READBUFFER command allows the interrogator to request the crypto calculation
result based on a valid previous CHALLENGE command from NTAG 5 link.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com