Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NTP53X2 Datasheet(PDF) 68 Page - NXP Semiconductors

Part # NTP53X2
Description  NTAG 5 link - NFC Forum-compliant I2C bridge
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

NTP53X2 Datasheet(HTML) 68 Page - NXP Semiconductors

Back Button NTP53X2 Datasheet HTML 64Page - NXP Semiconductors NTP53X2 Datasheet HTML 65Page - NXP Semiconductors NTP53X2 Datasheet HTML 66Page - NXP Semiconductors NTP53X2 Datasheet HTML 67Page - NXP Semiconductors NTP53X2 Datasheet HTML 68Page - NXP Semiconductors NTP53X2 Datasheet HTML 69Page - NXP Semiconductors NTP53X2 Datasheet HTML 70Page - NXP Semiconductors NTP53X2 Datasheet HTML 71Page - NXP Semiconductors NTP53X2 Datasheet HTML 72Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 133 page
background image
NXP Semiconductors
NTP53x2
NTAG 5 link - NFC Forum-compliant I2C bridge
NTP53x2
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2020. All rights reserved.
Product data sheet
Rev. 3.3 — 3 July 2020
COMPANY PUBLIC
544533
68 / 133
Table 123. GET RANDOM NUMBER response format when Error_flag is set
Flags
Error Code
CRC16
8 bits
8 bits
16 bits
8.2.3.3.2 SET PASSWORD
Command code = B3h
The SET PASSWORD command enables the different passwords to be transmitted to
the IC to access the different protected functionalities of the following commands. The
SET PASSWORD command has to be executed just once for the related password if the
IC is powered.
Remark: The SET PASSWORD command can only be executed in addressed or
selected mode and the timing of the SET PASSWORD command is write alike.
The XOR password has to be calculated with the password and two times the received
random number from the last GET RANDOM NUMBER command:
XOR_Password[31:0] = Password[31:0] XOR {Random_Number[15:0],
Random_Number[15:0]}.
The different passwords are addressed with the password identifier.
Only Option_flag = 0b is supported.
Table 124. SET PASSWORD request format
Flags
SET
PASSWORD
Manuf. code
UID
Password
identifier
XOR password CRC16
8 bits
8 bits
8 bits
64 bits
(optional)
8 bits
32 bits
16 bits
Table 125. Password Identifier
Password Identifier
Password
01h
Read
02h
Write
04h
see Section 8.2.3.3.10
08h
Destroy
10h
EAS/AFI
40h
Read from AREA_1
80h
Write to AREA_1
Table 126. SET PASSWORD response format when Error_flag is NOT set
Flags
CRC16
8 bits
16 bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com