Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NTP53X2 Datasheet(PDF) 92 Page - NXP Semiconductors

Part # NTP53X2
Description  NTAG 5 link - NFC Forum-compliant I2C bridge
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

NTP53X2 Datasheet(HTML) 92 Page - NXP Semiconductors

Back Button NTP53X2 Datasheet HTML 88Page - NXP Semiconductors NTP53X2 Datasheet HTML 89Page - NXP Semiconductors NTP53X2 Datasheet HTML 90Page - NXP Semiconductors NTP53X2 Datasheet HTML 91Page - NXP Semiconductors NTP53X2 Datasheet HTML 92Page - NXP Semiconductors NTP53X2 Datasheet HTML 93Page - NXP Semiconductors NTP53X2 Datasheet HTML 94Page - NXP Semiconductors NTP53X2 Datasheet HTML 95Page - NXP Semiconductors NTP53X2 Datasheet HTML 96Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 133 page
background image
NXP Semiconductors
NTP53x2
NTAG 5 link - NFC Forum-compliant I2C bridge
NTP53x2
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2020. All rights reserved.
Product data sheet
Rev. 3.3 — 3 July 2020
COMPANY PUBLIC
544533
92 / 133
Table 204. LOCK EAS response format when Error_flag is NOT set
Flags
CRC16
8 bits
16 bits
Table 205. LOCK EAS response format when Error_flag is set
Flags
Error Code
CRC16
8 bits
8 bits
16 bits
8.2.3.9.8 EAS ALARM
Command code = A5h
The EAS ALARM command can be used in the following configurations:
• Option_flag is set to 0b:
EAS ID mask length and EAS ID value shall not be transmitted.
If the EAS mode is enabled, the EAS response is returned from the IC.
• Option_flag is set to 1b:
Within the command, the EAS ID mask length has to be transmitted to identify how
many bits of the following EAS ID value are valid (multiple of 8-bits). Only those ICs will
respond with the EAS sequence which have stored the corresponding data in the EAS
ID configuration (selective EAS) and if the EAS Mode is set.
If the EAS ID mask length is set to 00h, the IC will answer with its EAS ID.
Table 206. EAS ALARM Request format
Flags
EAS ALARM
Manuf. code
UID
EAS ID mask
length
EAS ID value
CRC16
8 bits
8 bits
8 bits
64 bits
(optional)
8 bits (optional) 0, 8 or 16 bits
(optional)
16 bits
If an error is detected the IC remains silent.
Option_flag is set to 0b or Option_flag is set to logic 1b and the EAS ID mask length is
not equal to 00h:
Table 207. EAS ALARM Response format (Option flag logic 0)
Flags
EAS sequence
CRC16
8 bits
256 bits
16 bits
EAS sequence (starting with the least significant bit, which is transmitted first; read from
left to right):
11110100 11001101 01000110 00001110 10101011 11100101 00001001 11111110
00010111 10001101 00000001 00011100 01001011 10000001 10010010 01101110
01000001 01011011 01011001 01100001 11110110 11110101 11010001 00001101
10001111 00111001 10001011 01001000 10100101 01001110 11101100 11110111
Option_flag is set to 1b and the EAS ID mask length is equal to 00h:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com