Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NTP53X2 Datasheet(PDF) 53 Page - NXP Semiconductors

Part # NTP53X2
Description  NTAG 5 link - NFC Forum-compliant I2C bridge
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

NTP53X2 Datasheet(HTML) 53 Page - NXP Semiconductors

Back Button NTP53X2 Datasheet HTML 49Page - NXP Semiconductors NTP53X2 Datasheet HTML 50Page - NXP Semiconductors NTP53X2 Datasheet HTML 51Page - NXP Semiconductors NTP53X2 Datasheet HTML 52Page - NXP Semiconductors NTP53X2 Datasheet HTML 53Page - NXP Semiconductors NTP53X2 Datasheet HTML 54Page - NXP Semiconductors NTP53X2 Datasheet HTML 55Page - NXP Semiconductors NTP53X2 Datasheet HTML 56Page - NXP Semiconductors NTP53X2 Datasheet HTML 57Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 133 page
background image
NXP Semiconductors
NTP53x2
NTAG 5 link - NFC Forum-compliant I2C bridge
NTP53x2
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2020. All rights reserved.
Product data sheet
Rev. 3.3 — 3 July 2020
COMPANY PUBLIC
544533
53 / 133
8.1.4.3 Synchronization block register
The terminator block maybe changed during one session from both interfaces (see
Section 8.1.3.14). Both interfaces do have read and write access.
8.1.4.4 Pulse Width Modulation and GPIO configuration register
These session register bytes define the various configurations for GPIO/PWM use case
(see Section 8.1.3.13). From NFC perspective IN_STATUS bits are read only, all others
maybe changed during a session. From I2C perspective, all bits are read only. For details
refer to Section 8.3.3 and Section 8.3.4.
Table 93. PWM and GPIO Configuration Register Location (PWM_GPIO_CONFIG_REG)
Block Address
NFC
I2C
Byte 0
Byte 1
Byte 2
Byte 3
A3h
10A3h
PWM_GPIO_
CONFIG_0_REG
PWM_CONFIG_
1_REG
RFU
Table 94. PWM and GPIO Configuration Register Definition (PWM_GPIO_CONFIG_0_REG)
Bit
Name
Access
Value
Description
NFC acc. I2C acc.
0b
Output status on pad is LOW
7
SDA_GPIO1_OUT_STATUS
R/W
R
1b
Output status on pad is HIGH
0b
Output status on pad is LOW
6
SCL_GPIO0_OUT_STATUS
R/W
R
1b
Output status on pad is HIGH
0b
5
SDA_GPIO1_SDA_IN_STATUS
R
R
1b
Input status
0b
4
SCL_GPIO0_IN_STATUS
R
R
1b
Input status
0b
Output
3
SDA_GPIO1
R/W
R
1b
Input
0b
Output
2
SCL_GPIO0
R/W
R
1b
Input
0b
GPIO
1
SDA_GPIO1_PWM1
R/W
R
1b
PWM
0b
GPIO
0
SCL_GPIO0_PWM0
R/W
R
1b
PWM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com