Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NTP53X2 Datasheet(PDF) 13 Page - NXP Semiconductors

Part # NTP53X2
Description  NTAG 5 link - NFC Forum-compliant I2C bridge
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

NTP53X2 Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button NTP53X2 Datasheet HTML 9Page - NXP Semiconductors NTP53X2 Datasheet HTML 10Page - NXP Semiconductors NTP53X2 Datasheet HTML 11Page - NXP Semiconductors NTP53X2 Datasheet HTML 12Page - NXP Semiconductors NTP53X2 Datasheet HTML 13Page - NXP Semiconductors NTP53X2 Datasheet HTML 14Page - NXP Semiconductors NTP53X2 Datasheet HTML 15Page - NXP Semiconductors NTP53X2 Datasheet HTML 16Page - NXP Semiconductors NTP53X2 Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 133 page
background image
NXP Semiconductors
NTP53x2
NTAG 5 link - NFC Forum-compliant I2C bridge
NTP53x2
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2020. All rights reserved.
Product data sheet
Rev. 3.3 — 3 July 2020
COMPANY PUBLIC
544533
13 / 133
each block consists of 4 bytes (1 block = 32 bits). Bit 0 in each byte represents the least
significant bit (lsb) and bit 7 the most significant bit (msb), respectively.
User EEPROM map looks totally the same from NFC and I2C perspective.
The last block contains the 16-bit counter (see Section 8.1.2.1). It is only accessible from
NFC perspective.
NTAG 5 link offers 2048 bytes (16384 bits) of user memory.
Table 6. User memory organization
Block Address
NFC
I2C
Byte 0
(LSB)
Byte 1
Byte 2
Byte 3
(MSB)
Description
00h
0000h
Capability Container
or user memory
01h
0001h
:
:
1FEh
01FEh
User Memory
1FFh
-
C0
C1
00h
PROT
Counter
User data at delivery contains an NFC Forum-compliant capability container and an
NDEF message containing the URL www.nxp.com/nfc. First 6 blocks are initialized as
illustrated in below table. The counter block is initialized with all 00h. Content of the rest
of the user memory is undefined and contains random (rnd) data at delivery.
Table 7. Memory content at delivery
Block Address
NFC
I2C
Byte 0
Byte 1
Byte 2
Byte 3
00h
0000h
E1h
40h
80h
09h
01h
0001h
03h
10h
D1h
01h
02h
0002h
0Ch
55h
01h
6Eh
03h
0003h
78h
70h
2Eh
63h
04h
0004h
6Fh
6Dh
2Fh
6Eh
05h
0005h
66h
63h
FEh
00h
06h
0006h
rnd
rnd
rnd
rnd
...
...
rnd
rnd
rnd
rnd
1FFh
-
00h
00h
00h
00h
8.1.2.1 16-bit counter
Last Block of the user memory contains the 16-bit counter. The block can be accessed
with the standard read and write commands but special data format is required.
The standard protection conditions for the user memory are not valid for the counter
block.
Counter block can only be accessed from NFC perspective.
The 16-bit counter can be
• preset to initial start value protected with the write password or by mutual
authentication with a key with the Write privilege



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com