Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NTP53X2 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # NTP53X2
Description  NTAG 5 link - NFC Forum-compliant I2C bridge
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

NTP53X2 Datasheet(HTML) 3 Page - NXP Semiconductors

  NTP53X2 Datasheet HTML 1Page - NXP Semiconductors NTP53X2 Datasheet HTML 2Page - NXP Semiconductors NTP53X2 Datasheet HTML 3Page - NXP Semiconductors NTP53X2 Datasheet HTML 4Page - NXP Semiconductors NTP53X2 Datasheet HTML 5Page - NXP Semiconductors NTP53X2 Datasheet HTML 6Page - NXP Semiconductors NTP53X2 Datasheet HTML 7Page - NXP Semiconductors NTP53X2 Datasheet HTML 8Page - NXP Semiconductors NTP53X2 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 133 page
background image
NXP Semiconductors
NTP53x2
NTAG 5 link - NFC Forum-compliant I2C bridge
NTP53x2
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2020. All rights reserved.
Product data sheet
Rev. 3.3 — 3 July 2020
COMPANY PUBLIC
544533
3 / 133
2 Features and benefits
• Reading distance with long-range reader > 60 cm (> 25 inches)
• Zero-power readout of an I2C sensor
• Adjustable security levels up to mutual AES authentication (NTP5332 only)
• Flexible split between three open and/or protected memory areas
• Ensured authenticity of product through value chain
• Interoperable data exchange according to NFC Forum standards
• Energy-efficient design with reduced bill of material
• Interoperable and high performance NFC interface
– ISO/IEC 15693 and NFC Forum Type 5 Tag compliant
– 64-bit Unique IDentifier
• Reliable and robust memory
– 2048 bytes (16384 bits) user EEPROM on top of configuration memory
– 256 bytes (2048 bits) SRAM for frequently changing data and pass-through mode
– 40 years data retention
– Write endurance of 1 000 000 cycles
• Configurable contact interface
– I2C slave standard (100 kHz) and fast (400 kHz) mode
– NTP5332 offers a Transparent I2C master channel (for example, read sensors
without an MCU)
– One configurable event detection pin
– Two GPIOs as multiplexed I2C lines
– Two Pulse Width Modulation (PWM) channels as multiplexed GPIOs and/or ED pin
– 1.62 V to 5.5 V supply voltage
• Scalable security for access and data protection
– Disable NFC interface temporarily
– Disable I2C interface temporarily
– NFC PRIVACY mode
– Read-only protection as defined in NFC Forum Type 5 Tag Specification
– Full, read-only, or no memory access based on 32-bit password from both interfaces
– Optional 64-bit password protection from NFC perspective
– 128-bit AES authentication as defined in ISO/IEC 15693 for NTP5332
– ECC-based reprogrammable originality signature
• Multiple fast data transfer mode
– Pass-through mode with 256 byte SRAM buffer
– Standardized data transfer mode (PHDC, TNEP)
• Low-power budget application support
– Energy harvesting with configurable output voltage up to 30 mW
– Low-power standby current typically <6 µA
– Hard power down current typically <0.25 µA
• Very robust architecture
– -40 °C to 105 °C for EEPROM read, SRAM and register access
– -40 °C to 85 °C for EEPROM write access
• Extensive product support package
– Feature specific application notes
– Development board including software and source code



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com