Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NTP53X2 Datasheet(PDF) 63 Page - NXP Semiconductors

Part # NTP53X2
Description  NTAG 5 link - NFC Forum-compliant I2C bridge
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

NTP53X2 Datasheet(HTML) 63 Page - NXP Semiconductors

Back Button NTP53X2 Datasheet HTML 59Page - NXP Semiconductors NTP53X2 Datasheet HTML 60Page - NXP Semiconductors NTP53X2 Datasheet HTML 61Page - NXP Semiconductors NTP53X2 Datasheet HTML 62Page - NXP Semiconductors NTP53X2 Datasheet HTML 63Page - NXP Semiconductors NTP53X2 Datasheet HTML 64Page - NXP Semiconductors NTP53X2 Datasheet HTML 65Page - NXP Semiconductors NTP53X2 Datasheet HTML 66Page - NXP Semiconductors NTP53X2 Datasheet HTML 67Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 133 page
background image
NXP Semiconductors
NTP53x2
NTAG 5 link - NFC Forum-compliant I2C bridge
NTP53x2
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2020. All rights reserved.
Product data sheet
Rev. 3.3 — 3 July 2020
COMPANY PUBLIC
544533
63 / 133
• receiving a SELECT command with a matching UID
8.2.2.4.4 Commands which stay in SELECTED SECURE state
NTAG 5 link stays in SELECTED SECURE state when
• receiving READBUFFER command
• receiving any other command where Select_Flag is set
8.2.2.5 QUIET state
8.2.2.5.1 Transitions between QUIET and READY state
Transition from QUIET to READY state is done by
• receiving a RESET_TO_READY command
8.2.2.5.2 Transitions between QUIET and SELECTED state
Transition from QUIET to SELECTED state is done by
• receiving a SELECT command with a matching UID
8.2.2.5.3 Transitions between QUIET and SELECTED SECURE state
Transition from QUIET to SELECTED SECURE state is done when
• mutual authentication with AUTHENTICATE command with a matching UID was
successful
8.2.2.5.4 Commands which stay in QUIET state
NTAG 5 link stays in QUIET state when
• receiving any other command where Addressed_Flag is set AND Inventory_Flag is not
set
8.2.3 Command set
ISO/IEC 15693 mandatory commands are
• INVENTORY
• STAY QUIET
NFC Forum Type 5 Tag mandatory commands are
• READ SINGLE BLOCK
• WRITE SINGLE BLOCK
• LOCK SINGLE BLOCK
On top of those, all optional commands of ISO/IEC 15693 are implemented. Several
customer-specific commands are implemented to, e.g., improve overall transaction time.
These custom commands all use NXP manufacturer code 04h.
A complete list of all supported commands is given in below table.
Table 114. NFC command set supported by NTAG 5 link
Code ISO/IEC 15693 NFC Forum T5T
Command name
01h
Mandatory
Mandatory
INVENTORY (see ISO/IEC 15693 and Digital Protocol)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com