Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NTP53X2 Datasheet(PDF) 82 Page - NXP Semiconductors

Part # NTP53X2
Description  NTAG 5 link - NFC Forum-compliant I2C bridge
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

NTP53X2 Datasheet(HTML) 82 Page - NXP Semiconductors

Back Button NTP53X2 Datasheet HTML 78Page - NXP Semiconductors NTP53X2 Datasheet HTML 79Page - NXP Semiconductors NTP53X2 Datasheet HTML 80Page - NXP Semiconductors NTP53X2 Datasheet HTML 81Page - NXP Semiconductors NTP53X2 Datasheet HTML 82Page - NXP Semiconductors NTP53X2 Datasheet HTML 83Page - NXP Semiconductors NTP53X2 Datasheet HTML 84Page - NXP Semiconductors NTP53X2 Datasheet HTML 85Page - NXP Semiconductors NTP53X2 Datasheet HTML 86Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 133 page
background image
NXP Semiconductors
NTP53x2
NTAG 5 link - NFC Forum-compliant I2C bridge
NTP53x2
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2020. All rights reserved.
Product data sheet
Rev. 3.3 — 3 July 2020
COMPANY PUBLIC
544533
82 / 133
Table 173. INVENTORY READ response format: Option flag logic 0b
Flags
Data
CRC16
8 bits
Number of blocks times 32 bits 16 bits
NTAG 5 link reads the requested block(s) and sends back their value in the response.
The mechanism and timing of the INVENTORY READ command performs the same as
the INVENTORY command which is defined in ISO/IEC 15693.
If the Option_flag in the request is set to logic 1b, the response contains:
Table 174. INVENTORY READ response format: Option flag logic 1b
Flags
Rest of UID which is not
part of
the mask and slot number
Data
CRC16
8 bits
0 to 64 bit, always a multiple
of 8 bits
Number of blocks times 32
bits
16 bits
NTAG 5 link reads the requested block(s) and sends back their value in the response.
Additionally the bytes of the UID, which are not parts of the mask and the slot number
in case of 16 slots, are returned. Instead of padding with zeros up to the next byte
boundary, the corresponding bits of the UID are returned. The mechanism and timing
of the INVENTORY READ command perform the same as the INVENTORY command
which is defined in ISO/IEC 15693.
Remark: The number of bits of the retransmitted UID can be calculated as follows:
• 16 slots: 60 bits (bit 64 to bit 4) - mask length rounded up to the next byte boundary
• 1 slot: 64 bits - mask length rounded up to the next byte boundary
Remark: If the sum of first block number and number of blocks exceeds the total
available number of user blocks, the number of transmitted blocks is less than the
requested number of blocks. This means that the last returned block is the highest
available user block, followed by the 16-bit CRC and the EOF.
Example: mask length = 30 bits
Returned: bit 64 to bit 4 (30 bits) = 30 gives 4 bytes
Table 175. Example: mask length = 30
Byte 0
Byte 1
Byte 2
Byte 3
Byte 4
Byte 5
Byte 6
Byte 7
UID
mask value including padding with zeros
-
transmitted by
interrogator
returned value
transmitted by NTAG 5
link
8.2.3.5.1.2 Extended Mode
If the most significant bit of the Mask Length byte is equal 1b the response format is
defined by the extended option byte.
The request contains:
• Flags
• Inventory Read command code
• IC Manufacturer code
• AFI (if the AFI flag is set to 1b)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com