Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NTP53X2 Datasheet(PDF) 41 Page - NXP Semiconductors

Part # NTP53X2
Description  NTAG 5 link - NFC Forum-compliant I2C bridge
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

NTP53X2 Datasheet(HTML) 41 Page - NXP Semiconductors

Back Button NTP53X2 Datasheet HTML 37Page - NXP Semiconductors NTP53X2 Datasheet HTML 38Page - NXP Semiconductors NTP53X2 Datasheet HTML 39Page - NXP Semiconductors NTP53X2 Datasheet HTML 40Page - NXP Semiconductors NTP53X2 Datasheet HTML 41Page - NXP Semiconductors NTP53X2 Datasheet HTML 42Page - NXP Semiconductors NTP53X2 Datasheet HTML 43Page - NXP Semiconductors NTP53X2 Datasheet HTML 44Page - NXP Semiconductors NTP53X2 Datasheet HTML 45Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 133 page
background image
NXP Semiconductors
NTP53x2
NTAG 5 link - NFC Forum-compliant I2C bridge
NTP53x2
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2020. All rights reserved.
Product data sheet
Rev. 3.3 — 3 July 2020
COMPANY PUBLIC
544533
41 / 133
Bit
Name
Value
Description
4
3
RFU
00b
2
other
RFU
1
010b
AES (only applicable for NTP5332 - do NOT use for NTP5312)
0
NFC Security
101b
plain password (default)
8.1.3.23 SRAM and Configuration protection
Access to complete SRAM and blocks 37h to 54h of configuration area can be restricted
with SRAM_CONFIG_PROT byte.
Table 67. SRAM and Configuration Byte location
Block Address
NFC
I2C
Byte 0
Byte 1
Byte 2
Byte 3
3Fh
103Fh
DEV_SEC_CONFIG
SRAM_CONF_PROT
PP_AREA_1 (LSB)
PP_AREA_1 (MSB)
Table 68. SRAM and Configuration Protection (SRAM_CONF_PROT)
Bit
Name
Value
Description
7 to 6
RFU
00b
0b
Configuration area is not write protected from I2C perspective
(default)
5
I2C_CONFIG_W
1b
Configuration area is write protected from I2C perspective
0b
Configuration area is not read protected from I2C perspective
(Default)
4
I2C_CONFIG_R
1b
Configuration area is read protected from I2C perspective
0b
SRAM is not write protected from NFC perspective (Default)
3
NFC_SRAM_W
1b
SRAM is write protected from NFC perspective
0b
SRAM is not read protected from NFC perspective (Default)
2
NFC_SRAM_R
1b
SRAM is read protected from NFC perspective
0b
Configuration area is not write protected from NFC perspective
(Default)
1
NFC_CONFIG_W
1b
Configuration area is write protected from NFC perspective
0b
Configuration area is not read protected from NFC perspective
(Default)
0
NFC_CONFIG_R
1b
Configuration area is read protected from NFC perspective
8.1.3.24 Restricted AREA_1 pointer
The AREA_1 Pointer (PP_AREA_1) can be configured by directly writing PP_AREA_1
byte to configuration memory using WRITE CONFIG command (see Section 8.2.3.2.2).
This 16-bit block address is the same for NFC and I2C perspective. The default value is
FFFFh.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com