Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NTP53X2 Datasheet(PDF) 83 Page - NXP Semiconductors

Part # NTP53X2
Description  NTAG 5 link - NFC Forum-compliant I2C bridge
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

NTP53X2 Datasheet(HTML) 83 Page - NXP Semiconductors

Back Button NTP53X2 Datasheet HTML 79Page - NXP Semiconductors NTP53X2 Datasheet HTML 80Page - NXP Semiconductors NTP53X2 Datasheet HTML 81Page - NXP Semiconductors NTP53X2 Datasheet HTML 82Page - NXP Semiconductors NTP53X2 Datasheet HTML 83Page - NXP Semiconductors NTP53X2 Datasheet HTML 84Page - NXP Semiconductors NTP53X2 Datasheet HTML 85Page - NXP Semiconductors NTP53X2 Datasheet HTML 86Page - NXP Semiconductors NTP53X2 Datasheet HTML 87Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 133 page
background image
NXP Semiconductors
NTP53x2
NTAG 5 link - NFC Forum-compliant I2C bridge
NTP53x2
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2020. All rights reserved.
Product data sheet
Rev. 3.3 — 3 July 2020
COMPANY PUBLIC
544533
83 / 133
• Mask length (most significant bit equal 1b)
• Extended Options
• Mask value (if mask length > 0)
• First Block Number to be read, if specified in extended options byte
• Number of Blocks to be read, if specified in extended options byte
• CRC 16
Table 176. Inventory Read (extended mode) request format
Flags
INVENTORY
READ
Manuf.
code
AFI
Mask
Length
ext.Optio
ns
Mask
Value
First
block
number
Number
of blocks
CRC 16
8 bits
8 bits
8 bits
8 bits
(optional) 8 bits
8 bits
0 to 64 bits 8 bits
(optional)
8 bits
(optional) 16 bits
If the Inventory_flag is set to 1b, only NTAG 5 link in the READY or SELECTED
(SECURE) state will respond (same behavior as in the INVENTORY command). The
meaning of flags 5 to 8 is in accordance with table 5 in ISO/IEC 15693.
The INVENTORY READ command can also be transmitted in the addressed or
SELECTED mode (see Section 8.2.3.5.1.3).
Table 177. Extended options
Bit
Name
Value Feature
7
RFU
0
6
RFU
0
0
remain in current state
5
QUIET
1
go to QUIET state after response
0
NTAG 5 link will add the user memory blocks in the response
as requested with first block number byte and number of blocks
byte in the command
4
SKIP_DATA
1
No user memory data is requested, first block number byte and
number of blocks byte shall not be transmitted in the command
0
Custom ID (CID) will be NOT transmitted in the response
3
CID_RESPONSE
1
Custom ID (CID) will be transmitted in the response
0
No CID is transmitted in the command
2
CID_COMPARE
1
16-bit CID will be transmitted in the command and only NTAG 5
link with the same CID will respond
0
UID will be transmitted as in regular mode (truncated reply
depending on least significant 7 bits value of mask length and
the mask value)
1
UID_MODE
1
Complete UID will be transmitted (independent from mask
length)
0
NTAG 5 link responds independent from the EAS status
0
EAS_MODE
1
Respond only, when EAS is enabled
If the Option_flag in the request is set to 1b the response contains the truncated or
complete UID depending on the extended option UID_MODE bit.
If the Option_flag in the request is set to 0b the UID is not part of the response.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com