Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NTP53X2 Datasheet(PDF) 37 Page - NXP Semiconductors

Part # NTP53X2
Description  NTAG 5 link - NFC Forum-compliant I2C bridge
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

NTP53X2 Datasheet(HTML) 37 Page - NXP Semiconductors

Back Button NTP53X2 Datasheet HTML 33Page - NXP Semiconductors NTP53X2 Datasheet HTML 34Page - NXP Semiconductors NTP53X2 Datasheet HTML 35Page - NXP Semiconductors NTP53X2 Datasheet HTML 36Page - NXP Semiconductors NTP53X2 Datasheet HTML 37Page - NXP Semiconductors NTP53X2 Datasheet HTML 38Page - NXP Semiconductors NTP53X2 Datasheet HTML 39Page - NXP Semiconductors NTP53X2 Datasheet HTML 40Page - NXP Semiconductors NTP53X2 Datasheet HTML 41Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 133 page
background image
NXP Semiconductors
NTP53x2
NTAG 5 link - NFC Forum-compliant I2C bridge
NTP53x2
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2020. All rights reserved.
Product data sheet
Rev. 3.3 — 3 July 2020
COMPANY PUBLIC
544533
37 / 133
Bit
Name
Value
Description
011b
>2.7 mA
100b
>4.0 mA
5
101b
>6.5 mA
110b
>9.0 mA
4
111b
>12.5 mA
0b
Only if sufficient power can be harvested, VOUT
will be enabled (default)
3
DISABLE_
POWER_CHECK
1b
Power level will not be checked, VOUT will be
enabled immediately after startup
00b
1.8 V (Default)
2
01b
2.4 V
10b
3 V
1
EH_VOUT_V_SEL
11b
RFU
0b
Energy harvesting disabled (default)
0
EH_ENABLE
1b
Energy harvesting enabled
8.1.3.19 Event detection pin configuration settings
Event detection and field detection functionality define the behavior of the active low ED
pin depending on various events. As this pin is an open-drain active low implementation,
ED pin state ON means that signal is LOW and OFF means that signal is HIGH. More
details can be found in ED section (see Section 8.3.2).
Table 54. Event Detection Configuration Location (ED_CONFIG)
Block Address
NFC
I2C
Byte 0
Byte 1
Byte 2
Byte 3
3Dh
103Dh
EH_CONFIG
RFU
ED_CONFIG
RFU
Table 55. Event Detection Configuration Register Location (ED_CONFIG_REG)
Block Address
NFC
I2C
Byte 0
Byte 1
Byte 2
Byte 3
A8h
10A8h ED_COFIG_REG
RFU
Table 56. Event Detection Definition (ED_CONFIG and ED_CONFIG_REG)
Bit
Name
Value
ED pin
state
Description
7 to 4
RFU
0000b
N/A
Disable ED
0000b
OFF
Event detection pin disabled (default)
ON
NFC field present
3 to 0
NFC Field detect
0001b
OFF
NFC field absent



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com