Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NTP53X2 Datasheet(PDF) 32 Page - NXP Semiconductors

Part # NTP53X2
Description  NTAG 5 link - NFC Forum-compliant I2C bridge
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

NTP53X2 Datasheet(HTML) 32 Page - NXP Semiconductors

Back Button NTP53X2 Datasheet HTML 28Page - NXP Semiconductors NTP53X2 Datasheet HTML 29Page - NXP Semiconductors NTP53X2 Datasheet HTML 30Page - NXP Semiconductors NTP53X2 Datasheet HTML 31Page - NXP Semiconductors NTP53X2 Datasheet HTML 32Page - NXP Semiconductors NTP53X2 Datasheet HTML 33Page - NXP Semiconductors NTP53X2 Datasheet HTML 34Page - NXP Semiconductors NTP53X2 Datasheet HTML 35Page - NXP Semiconductors NTP53X2 Datasheet HTML 36Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 133 page
background image
NXP Semiconductors
NTP53x2
NTAG 5 link - NFC Forum-compliant I2C bridge
NTP53x2
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2020. All rights reserved.
Product data sheet
Rev. 3.3 — 3 July 2020
COMPANY PUBLIC
544533
32 / 133
Table 37. Configuration Definition (CONFIG_0)
Bit
Name
Value
Description
0b
SRAM copy on POR disabled (default)
7
SRAM_COPY_EN
1b
SRAM copy on POR enabled
6 to 4
RFU
0b
00b
3
01b
RFU
10b
Energy harvesting optimized for low field strength
(default)
2
EH_MODE
11b
Energy harvesting optimized for high field strength
0b
NFC Write access to all session register (default)
1
LOCK_SESSION_REG
1b
No NFC write access to session registers A3h to A7h
0b
Normal Operation Mode (Default)
0
AUTO_STANDBY_MODE_EN
1b
IC enters standby mode after boot if there is no RF field
present automatically.
Table 38. Configuration Definition (CONFIG_1)
Bit
Name
Value
Description
0b
In energy harvesting use case, ARBITER_MODE
needs to be set with session registers after startup
(default)
7
EH_ARBITER_MODE_EN
1b
ARBITER_MODE is set automatically in any case after
startup
6
RFU
0b
00b
I2C slave (default)
5
01b
I2C master only for NTP5332
10b
GPIO/PWM
4
USE_CASE_CONF
11b
All host interface functionality disabled and pads are in
3-state mode
00b
Normal Mode (default)
3
01b
SRAM mirror mode
10b
SRAM passes through mode
2
ARBITER_MODE
11b
SRAM PHDC mode
0b
SRAM is not accessible (default)
1
SRAM_ENABLE
1b
SRAM is available (when VCC supplied)
0b
Data transfer direction is I2C to NFC (default)
0
PT_TRANSFER_DIR
1b
Data transfer direction is NFC to I2C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com