Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NTP53X2 Datasheet(PDF) 36 Page - NXP Semiconductors

Part # NTP53X2
Description  NTAG 5 link - NFC Forum-compliant I2C bridge
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

NTP53X2 Datasheet(HTML) 36 Page - NXP Semiconductors

Back Button NTP53X2 Datasheet HTML 32Page - NXP Semiconductors NTP53X2 Datasheet HTML 33Page - NXP Semiconductors NTP53X2 Datasheet HTML 34Page - NXP Semiconductors NTP53X2 Datasheet HTML 35Page - NXP Semiconductors NTP53X2 Datasheet HTML 36Page - NXP Semiconductors NTP53X2 Datasheet HTML 37Page - NXP Semiconductors NTP53X2 Datasheet HTML 38Page - NXP Semiconductors NTP53X2 Datasheet HTML 39Page - NXP Semiconductors NTP53X2 Datasheet HTML 40Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 133 page
background image
NXP Semiconductors
NTP53x2
NTAG 5 link - NFC Forum-compliant I2C bridge
NTP53x2
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2020. All rights reserved.
Product data sheet
Rev. 3.3 — 3 July 2020
COMPANY PUBLIC
544533
36 / 133
Table 49. Watch Dog Timer Configuration Location (WDT_CONFIG)
Block Address
NFC
I2C
Byte 0
Byte 1
Byte 2
Byte 3
3Ch
103Ch
WDT_CONFIG (LSB) WDT_CONFIG (MSB)
WDT_ENABLE
SRAM_COPY_BYTES
Table 50. Watch Dog Timer Configuration Register Location (WDT_CONFIG_REG)
Block Address
NFC
I2C
Byte 0
Byte 1
Byte 2
Byte 3
A6h
10A6h
WDT_CONFIG_
REG (LSB)
WDT_CONFIG_
REG (MSB)
WDT_EN_REG
RFU
Table 51. Watch Dog Timer Enable Definition (WDT_ENABLE and WDT_EN_REG)
Bit
Name
Default
Value
Description
7 to 1
RFU
all 0b
0b
Watch Dog Timer disabled
0
WDT_ENABLE
1b
Watch Dog Timer enabled (default)
8.1.3.18 Energy harvesting settings
Energy harvesting configuration controls the behavior of the energy harvesting
output pin. If DISABLE_POWER_CHECK is 0b and energy harvesting is enabled
with EH_ENABLE is 1b, only when the applied field strength is sufficient to generate
configured minimum output load current (EH_IOUT_SEL) and voltage (EH_VOUT_SEL),
the energy harvesting output is enabled.
If energy harvesting will be enabled during the session with register bits,
EH_IOUT_SEL and EH_VOUT_SEL define the needed output power. However,
DISABLE_POWER_CHECK and EH_ENABLE bits need to be set to 0b in this case.
Details can be found in energy harvesting section (see Section 8.5).
Table 52. Energy harvesting Configuration Location (EH_CONFIG)
Block Address
NFC
I2C
Byte 0
Byte 1
Byte 2
Byte 3
3Dh
103Dh
EH_CONFIG
RFU
ED_CONFIG
RFU
Table 53. Energy harvesting Configuration Value Definition (EH_CONFIG)
Bit
Name
Value
Description
7
RFU
000b
>0.4 mA (Default)
001b
>0.6 mA
6
EH_VOUT_I_SEL
010b
>1.4 mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com