Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NTP53X2 Datasheet(PDF) 52 Page - NXP Semiconductors

Part # NTP53X2
Description  NTAG 5 link - NFC Forum-compliant I2C bridge
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

NTP53X2 Datasheet(HTML) 52 Page - NXP Semiconductors

Back Button NTP53X2 Datasheet HTML 48Page - NXP Semiconductors NTP53X2 Datasheet HTML 49Page - NXP Semiconductors NTP53X2 Datasheet HTML 50Page - NXP Semiconductors NTP53X2 Datasheet HTML 51Page - NXP Semiconductors NTP53X2 Datasheet HTML 52Page - NXP Semiconductors NTP53X2 Datasheet HTML 53Page - NXP Semiconductors NTP53X2 Datasheet HTML 54Page - NXP Semiconductors NTP53X2 Datasheet HTML 55Page - NXP Semiconductors NTP53X2 Datasheet HTML 56Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 133 page
background image
NXP Semiconductors
NTP53x2
NTAG 5 link - NFC Forum-compliant I2C bridge
NTP53x2
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2020. All rights reserved.
Product data sheet
Rev. 3.3 — 3 July 2020
COMPANY PUBLIC
544533
52 / 133
Table 91. Configuration Definition (CONFIG_1_REG)
Access
Bit
Name
NFC acc. I2C acc.
Value
Description
7
RFU
R
R
0b
6
RFU
R
R
0b
00b
I2C slave
5
01b
I2C master
10b
GPIO/PWM
4
USE_CASE_CONF
R
R
11b
All host interface functionality disabled and
pads are in 3-state mode
00b
Normal Mode
3
01b
SRAM mirror mode
10b
SRAM passes through mode
2
ARBITER_MODE
R
R/W
11b
SRAM PHDC mode
0b
SRAM is not accessible
1
SRAM_ENABLED
R
R
1b
SRAM is accessible
0b
Data transfer direction is I2C to NFC
0
PT_TRANSFER_DIR
R
R/W
1b
Data transfer direction is NFC to I2C
Table 92. Configuration Definition (CONFIG_2_REG)
Access
Bit
Name
NFC acc. I2C acc.
Value
Description
00b
Receiver disabled
7
01b
Plain input with weak pull-up
10b
Plain input
6
GPIO1_IN
R
R
11b
Plain input with weak pull-down
00b
Receiver disabled
5
01b
Plain input with weak pull-up
10b
Plain input
4
GPIO0_IN
R
R
11b
Plain input with weak pull-down
0b
Extended commands are disabled
3
EXTENDED_COMMANDS_
SUPPORTED
R
R
1b
Extended commands are supported
0b
Lock block commands are disabled
2
LOCK_BLOCK_COMMAND_
SUPPORTED
R
R
1b
Lock block commands are supported
0b
Low-Speed GPIO
1
GPIO1_SLEW_RATE
R
R
1b
High-Speed GPIO
0b
Low-Speed GPIO
0
GPIO0_SLEW_RATE
R
R
1b
High-Speed GPIO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com