Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NTP53X2 Datasheet(PDF) 64 Page - NXP Semiconductors

Part # NTP53X2
Description  NTAG 5 link - NFC Forum-compliant I2C bridge
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

NTP53X2 Datasheet(HTML) 64 Page - NXP Semiconductors

Back Button NTP53X2 Datasheet HTML 60Page - NXP Semiconductors NTP53X2 Datasheet HTML 61Page - NXP Semiconductors NTP53X2 Datasheet HTML 62Page - NXP Semiconductors NTP53X2 Datasheet HTML 63Page - NXP Semiconductors NTP53X2 Datasheet HTML 64Page - NXP Semiconductors NTP53X2 Datasheet HTML 65Page - NXP Semiconductors NTP53X2 Datasheet HTML 66Page - NXP Semiconductors NTP53X2 Datasheet HTML 67Page - NXP Semiconductors NTP53X2 Datasheet HTML 68Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 133 page
background image
NXP Semiconductors
NTP53x2
NTAG 5 link - NFC Forum-compliant I2C bridge
NTP53x2
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2020. All rights reserved.
Product data sheet
Rev. 3.3 — 3 July 2020
COMPANY PUBLIC
544533
64 / 133
Code ISO/IEC 15693 NFC Forum T5T
Command name
02h
Mandatory
Mandatory
STAY QUIET (see ISO/IEC 15693) and Type 5 Tag -
SLPV_REQ)
20h
Optional
Mandatory
READ SINGLE BLOCK (see ISO/IEC 15693 and Type 5 Tag -
READ_SINGLE_BLOCK_REQ)
21h
Optional
Mandatory in READ/WRITE
state
WRITE SINGLE BLOCK (see ISO/IEC 15693 and Type 5 Tag -
WRITE_SINGLE_BLOCK_REQ)
22h
Optional
Optional
LOCK BLOCK (see ISO/IEC 15693 and Type 5 Tag -
LOCK_SINGLE_BLOCK_REQ)
23h
Optional
Optional
READ MULTIPLE BLOCKS ( ISO/IEC 15693 and Type 5 Tag -
READ_MULTIPLE_BLOCK_REQ)
25h
Optional
Optional
SELECT (see ISO/IEC 15693 and Type 5 Tag - SELECT_REQ)
26h
Optional
Not defined
RESET TO READY (see ISO/IEC 15693)
27h
Optional
Not defined
WRITE AFI (see ISO/IEC 15693)
28h
Optional
Not defined
LOCK AFI (see ISO/IEC 15693)
29h
Optional
Not defined
WRITE DSFID (see ISO/IEC 15693)
2Ah
Optional
Not defined
LOCK DSFID (see ISO/IEC 15693)
2Bh
Optional
Not defined
GET SYSTEM INFORMATION (see ISO/IEC 15693)
2Ch
Optional
Not defined
GET MULTIPLE BLOCK SECURITY STATUS (see ISO/IEC
15693)
2Dh
Optional
Not defined
FAST READ MULTIPLE BLOCKS (see ISO/IEC 15693)
30h
Optional
Mandatory when supporting 2
byte addressing
EXTENDED READ SINGLE BLOCK (see ISO/IEC 15693 and
Type 5 Tag - EXTENDED_READ_SINGLE_BLOCK_REQ)
31h
Optional
Mandatory when supporting
2 byte addressing in READ/
WRITE state
EXTENDED WRITE SINGLE BLOCK (see ISO/IEC 15693 and
Type 5 Tag - EXTENDED_WRITE_SINGLE_BLOCK_REQ)
32h
Optional
Optional
EXTENDED LOCK BLOCK (see ISO/IEC 15693 and Type 5 Tag
- EXTENDED_LOCK_SINGLE_BLOCK_REQ)
33h
Optional
Optional
EXTENDED READ MULTIPLE BLOCK ( ISO/IEC 15693 and
Type 5 Tag - EXTENDED_READ_MULTIPLE_BLOCK_REQ)
35h
Optional
Not defined
AUTHENTICATE (see ISO/IEC 15693) is only available in AES
mode
39h
Optional
Not defined
CHALLENGE (see ISO/IEC 15693) is only available in AES
mode
3Ah
Optional
Not defined
READBUFFER (see ISO/IEC 15693) is only available in AES
mode
3Bh
Optional
Not defined
EXTENDED GET SYSTEM INFORMATION (see ISO/IEC
15693)
3Ch
Optional
Not defined
EXTENDED GET MULTIPLE BLOCK SECURITY STATUS (see
ISO/IEC 15693)
3Dh
Optional
Not defined
FAST EXTENDED READ MULTIPLE BLOCKS (see ISO/IEC
15693)
A0h
Custom
Not defined
INVENTORY READ (see Section 8.2.3.5.1)
A1h
Custom
Not defined
FAST INVENTORY READ (see Section 8.2.3.5.2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com