Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NTP53X2 Datasheet(PDF) 12 Page - NXP Semiconductors

Part # NTP53X2
Description  NTAG 5 link - NFC Forum-compliant I2C bridge
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

NTP53X2 Datasheet(HTML) 12 Page - NXP Semiconductors

Back Button NTP53X2 Datasheet HTML 8Page - NXP Semiconductors NTP53X2 Datasheet HTML 9Page - NXP Semiconductors NTP53X2 Datasheet HTML 10Page - NXP Semiconductors NTP53X2 Datasheet HTML 11Page - NXP Semiconductors NTP53X2 Datasheet HTML 12Page - NXP Semiconductors NTP53X2 Datasheet HTML 13Page - NXP Semiconductors NTP53X2 Datasheet HTML 14Page - NXP Semiconductors NTP53X2 Datasheet HTML 15Page - NXP Semiconductors NTP53X2 Datasheet HTML 16Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 133 page
background image
NXP Semiconductors
NTP53x2
NTAG 5 link - NFC Forum-compliant I2C bridge
NTP53x2
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2020. All rights reserved.
Product data sheet
Rev. 3.3 — 3 July 2020
COMPANY PUBLIC
544533
12 / 133
8 Functional description
8.1 Memory Organization
8.1.1 General
The entire memory is divided into three different parts:
• User memory
– This part of the memory is intended to be used to store user data. It is organized in
blocks of 4 bytes each (see Section 8.1.2).
– According to NFC Forum Type 5 Tag Specification, EEPROM block 0 contains the
Capability Container directly followed by the NDEF Message TLV. If NTAG 5 link is
used in a proprietary way, any user data may be stored in the user memory. Direct
read/write access with the standard READ BLOCK and WRITE BLOCK commands
(see Section 8.2.3.5) to this part of the memory is possible depending on the related
security and write protection conditions.
– 16-bit counter
The last block of the EEPROM memory from NFC perspective contains the 16-bit
counter and the counter protection flag (see Section 8.1.2.1). This counter is not
accessible from I2C perspective.
• Configuration area
– Within this part of the memory all configuration options are stored (see Section 8.1.3).
This memory area can only be accessed with the READ CONFIG (see
Section 8.2.3.2.1) or WRITE CONFIG (see Section 8.2.3.2.2) commands from NFC
perspective. From I2C perspective, normal READ and WRITE commands are used.
– The configuration area contains required security-related information, such as access
keys with related privileges, headers, customer ID (CID), originality signature and
many more which will be loaded at power-on reset.
– Access to configuration blocks may be blocked at all or password protected with
related configuration bits.
– All session registers are accessible in the configuration area as long as not locked
by LOCK_SESSION_REG. These configuration items can be changed on the fly and
have immediate effect, but get lost after power-on reset.
• SRAM
– SRAM is accessible when NTAG 5 link is VCC supplied and SRAM_ENABLE is set to
1b.
– Volatile SRAM can be used for fast and frequent data transfer (see Section 8.1.5).
With WRITE SRAM (see Section 8.2.3.6.2) and READ SRAM (see Section 8.2.3.6.1),
the content is written or read.
– When the SRAM gets mapped to user memory (the start address is always block 0
from both interfaces), then standard READ BLOCK and WRITE BLOCK commands
can be used. This mechanism is used, e.g., for PHDC or dynamic pairing.
– From I2C perspective, SRAM is always located from address 2000h to 203Fh.
WARNING: The content of bytes and bits defined as RFU SHALL NOT be changed.
8.1.2 User memory
According to NFC Forum Type 5 Tag Specification, the user accessible EEPROM
memory is divided into blocks. A block is the smallest access unit. For NTAG 5 link,



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com