Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NTP53X2 Datasheet(PDF) 94 Page - NXP Semiconductors

Part # NTP53X2
Description  NTAG 5 link - NFC Forum-compliant I2C bridge
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

NTP53X2 Datasheet(HTML) 94 Page - NXP Semiconductors

Back Button NTP53X2 Datasheet HTML 90Page - NXP Semiconductors NTP53X2 Datasheet HTML 91Page - NXP Semiconductors NTP53X2 Datasheet HTML 92Page - NXP Semiconductors NTP53X2 Datasheet HTML 93Page - NXP Semiconductors NTP53X2 Datasheet HTML 94Page - NXP Semiconductors NTP53X2 Datasheet HTML 95Page - NXP Semiconductors NTP53X2 Datasheet HTML 96Page - NXP Semiconductors NTP53X2 Datasheet HTML 97Page - NXP Semiconductors NTP53X2 Datasheet HTML 98Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 133 page
background image
NXP Semiconductors
NTP53x2
NTAG 5 link - NFC Forum-compliant I2C bridge
NTP53x2
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2020. All rights reserved.
Product data sheet
Rev. 3.3 — 3 July 2020
COMPANY PUBLIC
544533
94 / 133
8.2.3.9.10 WRITE EAS ID
Command code = A7h
The command WRITE EAS ID enables a new EAS Identifier to be stored in the
corresponding configuration memory.
If EAS is password protected (for Set and Reset EAS) the EAS password has to be first
transmitted with the SET PASSWORD command.
If AES mode is enabled and the EAS is protected a valid mutual authentication with a key
with the EAS/AFI privilege set has to executed before.
The timing of the command is write alike.
Option_flag = 0b and Option_flag = 1b is supported and is in accordance with ISO/IEC
15693 write-alike commands.
Table 213. WRITE EAS ID request format
Flags
WRITE EAS ID
Manuf. code
UID
EAS ID value
CRC16
8 bits
8 bits
8 bits
64 bits (optional)
16 bits
16 bits
Table 214. WRITE EAS ID response format when Error_flag is NOT set
Flags
CRC16
8 bits
16 bits
Table 215. WRITE EAS ID response format when Error_flag is set
Flags
Error Code
CRC16
8 bits
8 bits
16 bits
8.2.3.9.11 GET MULTIPLE BLOCK SECURITY STATUS
As defined in ISO/IEC 15693.
8.2.3.9.12 GET SYSTEM INFORMATION
As defined in ISO/IEC 15693.
The TAG type of NTAG 5 link is "01h".
8.2.3.9.13 EXTENDED GET SYSTEM INFORMATION
As defined in ISO/IEC 15693 and ISO/IEC 29167-10.
Command code = 3Bh
8.2.3.9.14 GET NXP SYSTEM INFORMATION
Command code = ABh
The GET NXP SYSTEM INFORMATION command provides information about the IC
access conditions and supported features.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com