Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NTP53X2 Datasheet(PDF) 31 Page - NXP Semiconductors

Part # NTP53X2
Description  NTAG 5 link - NFC Forum-compliant I2C bridge
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

NTP53X2 Datasheet(HTML) 31 Page - NXP Semiconductors

Back Button NTP53X2 Datasheet HTML 27Page - NXP Semiconductors NTP53X2 Datasheet HTML 28Page - NXP Semiconductors NTP53X2 Datasheet HTML 29Page - NXP Semiconductors NTP53X2 Datasheet HTML 30Page - NXP Semiconductors NTP53X2 Datasheet HTML 31Page - NXP Semiconductors NTP53X2 Datasheet HTML 32Page - NXP Semiconductors NTP53X2 Datasheet HTML 33Page - NXP Semiconductors NTP53X2 Datasheet HTML 34Page - NXP Semiconductors NTP53X2 Datasheet HTML 35Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 133 page
background image
NXP Semiconductors
NTP53x2
NTAG 5 link - NFC Forum-compliant I2C bridge
NTP53x2
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2020. All rights reserved.
Product data sheet
Rev. 3.3 — 3 July 2020
COMPANY PUBLIC
544533
31 / 133
Bit
Name
Value Description
0b
AREA_0-L is not read protected
0
READ_AREA_L
1b
AREA_0-L is read protected
8.1.3.12 I2C Authentication Limit Counter
The I2C Authentication Limit Counter is a feature to limit the maximum number of failed
authentications from I2C perspective. The counter is incremented for failed password
write to block 1096h to 1099h. The counter resets on positive authentication.
The NFC interface can access this block with READ CONFIG and WRITE CONFIG
commands if not locked by NFC section lock.
Table 35. I2C Authentication Limit Counter (I2C_AUTH_LIMIT) location
Block Address
NFC
I2C
Byte 0
Byte 1
Byte 2
Byte 3
32h
1032h
I2C_AUTH_
LIMIT (LSB)
I2C_AUTH_
LIMT (MSB)
RFU
Byte 0 of Block 32h is LSB and Byte 1 is MSB of the I2C Authentication Limit counter
value. Default value of I2C_AUTH_LIMIT is 00h.
The start value for the Authentication Limit can be preset with an I2C WRITE command if
• I2C Key header is not locked or Not active
• I2C Key header is Active then after valid authentication with a write key.
The Authentication limit is enabled with the most significant bit of Byte 1 is set to 1b. The
remaining 15 bit of I2C_AUTH_LIMIT are defining the preset value.
Example:
• 8000h enables and presets the authentication limit to 0, which means the maximum
number of failed authentications before a successful is required again is 32767.
Remark: The absolute maximum authentication limit value is FFFEh before a positive
authentication is required, otherwise the authentication is irreversibly locked (no longer
available).
As soon as the value of the Authentication limit reaches
• FFFFh: no further authentication possible any longer. This status is irreversible.
8.1.3.13 Configuration
Different features can be configured with CONFIG bits. The effect does not take place
in the current session. The effect takes place after POR. All config bits can be read and
written from both interfaces.
Table 36. Configuration Bytes Location (CONFIG)
Block Address
NFC
I2C
Byte 0
Byte 1
Byte 2
Byte 3
37h
1037h
CONFIG_0
CONFIG_1
CONFIG_2
RFU
On POR, all CONFIG bits are copied to CONFIG_REG (see Section 8.1.4.2).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com