Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NTP53X2 Datasheet(PDF) 76 Page - NXP Semiconductors

Part # NTP53X2
Description  NTAG 5 link - NFC Forum-compliant I2C bridge
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

NTP53X2 Datasheet(HTML) 76 Page - NXP Semiconductors

Back Button NTP53X2 Datasheet HTML 72Page - NXP Semiconductors NTP53X2 Datasheet HTML 73Page - NXP Semiconductors NTP53X2 Datasheet HTML 74Page - NXP Semiconductors NTP53X2 Datasheet HTML 75Page - NXP Semiconductors NTP53X2 Datasheet HTML 76Page - NXP Semiconductors NTP53X2 Datasheet HTML 77Page - NXP Semiconductors NTP53X2 Datasheet HTML 78Page - NXP Semiconductors NTP53X2 Datasheet HTML 79Page - NXP Semiconductors NTP53X2 Datasheet HTML 80Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 133 page
background image
NXP Semiconductors
NTP53x2
NTAG 5 link - NFC Forum-compliant I2C bridge
NTP53x2
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2020. All rights reserved.
Product data sheet
Rev. 3.3 — 3 July 2020
COMPANY PUBLIC
544533
76 / 133
Option_flag = 1b and Option_flag = 0b are supported.
Table 153. DISABLE NFC PRIVACY request format
Flags
SET
PASSWORD
Manuf.
code
UID
Privacy
identifier
XOR
password
CRC16
8 bits
8 bits
8 bits
64 bits
(optional)
8 bits
32 bits
16 bits
Table 154. DISABLE NFC PRIVACY response format when Error_flag is NOT set
Flags
CRC16
8 bits
16 bits
Table 155. DISABLE NFC PRIVACY response format when Error_flag is set
Flags
Error Code
CRC16
8 bits
8 bits
16 bits
Remark: If the IC receives an invalid password, it will not execute any following
command until a Power-On Reset (POR) (NFC reset) is executed.
8.2.3.4 AES Authentication
8.2.3.4.1 Introduction
NXP implements a scalable security approach. This means, during lifetime the security
level may be changed. In production, NXP configures the IC, that plain password mode
is enabled. With the DEV_SEC_CONFIG byte (see Table 66) AES mutual authentication
may be activated. Only in case NFC Security is set to AES mode following commands
and AES mutual authentication is enabled. To lock the security level, the Security Lock
bits need to be set to 010b (see Table 66).
NOTE: AES authentication mode and this flexibility is only available for NTP5332.
8.2.3.4.2 PROTECT PAGE
See Section 8.2.3.3.6
8.2.3.4.3 LOCK PAGE PROTECTION CONDITION
See Section 8.2.3.3.7
8.2.3.4.4 AUTHENTICATE
As defined in ISO/IEC 15693 and ISO/IEC 29167-10.
Command code = 35h
CSI code= 00h (AES Crypto Suite)
The AUTHENTICATE command allows the interrogator to perform the following
authentication procedures as defined in ISO/IEC 15693:
• Tag Authentication (TAM1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com