Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NTP53X2 Datasheet(PDF) 57 Page - NXP Semiconductors

Part # NTP53X2
Description  NTAG 5 link - NFC Forum-compliant I2C bridge
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

NTP53X2 Datasheet(HTML) 57 Page - NXP Semiconductors

Back Button NTP53X2 Datasheet HTML 53Page - NXP Semiconductors NTP53X2 Datasheet HTML 54Page - NXP Semiconductors NTP53X2 Datasheet HTML 55Page - NXP Semiconductors NTP53X2 Datasheet HTML 56Page - NXP Semiconductors NTP53X2 Datasheet HTML 57Page - NXP Semiconductors NTP53X2 Datasheet HTML 58Page - NXP Semiconductors NTP53X2 Datasheet HTML 59Page - NXP Semiconductors NTP53X2 Datasheet HTML 60Page - NXP Semiconductors NTP53X2 Datasheet HTML 61Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 133 page
background image
NXP Semiconductors
NTP53x2
NTAG 5 link - NFC Forum-compliant I2C bridge
NTP53x2
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2020. All rights reserved.
Product data sheet
Rev. 3.3 — 3 July 2020
COMPANY PUBLIC
544533
57 / 133
Table 102. ED_INTR_CLEAR_REG location
Block Address
NFC
I2C
Byte 0
Byte 1
Byte 2
Byte 3
ABh
10ABh
ED_INTR_
CLEAR_REG
RFU
8.1.4.12 I2C master status registers
I2C master status can be checked by reading I2C master session register bits from NFC
perspective. There is no write access to these registers. Details can be found in I2C
master section.
NOTE: In I2C master mode there is no access to the registers from I²C perspective.
NOTE: I2C master is only available for NTP5332.
Table 103. I2C Master Configuration Register Location
Block Address
NFC
I2C
Byte 0
Byte 1
Byte 2
Byte 3
ACh
10ACh
I2C_M_S_ADD_REG
I2C_M_LEN_REG
RFU
RFU
ADh
10ADh
I2C_M_STATUS_REG
RFU
Table 104. I2C Slave Address used in I2C master transaction (I2C_M_S_ADD_REG)
Access
Bit
Name
NFC
I2C
Value
Description
0b
STOP condition generated at the end of
transaction
7
I2C_M_RS_EN
R
R
1b
no STOP condition generated
6 to 0
I2C_M_S_ADD
R
R
00h
I2C slave of last addressed slave
Table 105. I2C Master Data Length Definition (I2C_M_LEN_REG)
Bit
Name
Value
Description
7 to 0
I2C_M_LEN_REG
all 0b
Codes the data length written to or read from I2C slave during last
I2C transaction. Data length in bytes is I2C_M_LEN_REG plus 1.
Table 106. I2C Master Status Definition (I2C_M_STATUS_REG)
Access
Bit
Name
NFC I2C
Value
Description
7 to 4
RFU
R
R
0000b
0b
WDT did not expire in last transaction
3
I2C_M_WDT_EXPIRED
R
R
1b
WDT expired in last transaction. This bit resets
automatically, when new transaction is triggered.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com