Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NTP53X2 Datasheet(PDF) 71 Page - NXP Semiconductors

Part # NTP53X2
Description  NTAG 5 link - NFC Forum-compliant I2C bridge
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

NTP53X2 Datasheet(HTML) 71 Page - NXP Semiconductors

Back Button NTP53X2 Datasheet HTML 67Page - NXP Semiconductors NTP53X2 Datasheet HTML 68Page - NXP Semiconductors NTP53X2 Datasheet HTML 69Page - NXP Semiconductors NTP53X2 Datasheet HTML 70Page - NXP Semiconductors NTP53X2 Datasheet HTML 71Page - NXP Semiconductors NTP53X2 Datasheet HTML 72Page - NXP Semiconductors NTP53X2 Datasheet HTML 73Page - NXP Semiconductors NTP53X2 Datasheet HTML 74Page - NXP Semiconductors NTP53X2 Datasheet HTML 75Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 133 page
background image
NXP Semiconductors
NTP53x2
NTAG 5 link - NFC Forum-compliant I2C bridge
NTP53x2
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2020. All rights reserved.
Product data sheet
Rev. 3.3 — 3 July 2020
COMPANY PUBLIC
544533
71 / 133
Table 135. 64 BIT PASSWORD PROTECTION response format when Error_flag is NOT set
Flags
CRC16
8 bits
16 bits
Table 136. 64 BIT PASSWORD PROTECTION response format when Error_flag is NOT set
Flags
Error Code
CRC16
8 bits
8 bits
16 bits
8.2.3.3.6 PROTECT PAGE
Command code = B6h
The PROTECT PAGE command defines the protection pointer address of the user
memory to divide the user memory into two arbitrarily sized pages and defines the
access conditions for the two pages.
The protection pointer address defines the base address of the higher user memory
segment Page 0-H. All block addresses smaller than the protection pointer address are in
the user memory segment Page 0-L.
Table below shows an example of the user memory segmentation with the protection
pointer address NFC_PP_AREA_0H 14h.
Remark: In the example below PP_AREA_1 is pointing outside the user memory.
Table 137. Memory organization
Block Byte 0
Byte 1
Byte 2
Byte 3
Description
00h
01h
02h
:
:
:
:
:
12h
13h
Page 0-L
14h
15h
:
:
:
:
:
Page 0-H
1FFh
C0
C1
00
Protection
Counter
Remark: If the protection pointer address is set to block 0, the entire user memory is
defined as Page 0-H.
The access conditions and the protection pointer address can be changed under the
following circumstances for plain password mode:
• The related passwords (Read and Write password) have been transmitted first with the
SET PASSWORD command.
• The page protection condition is not locked (see Section 8.2.3.3.7)
The access conditions and the protection pointer address can be changed under the
following circumstances for AES mode:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com