Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NTP53X2 Datasheet(PDF) 42 Page - NXP Semiconductors

Part # NTP53X2
Description  NTAG 5 link - NFC Forum-compliant I2C bridge
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

NTP53X2 Datasheet(HTML) 42 Page - NXP Semiconductors

Back Button NTP53X2 Datasheet HTML 38Page - NXP Semiconductors NTP53X2 Datasheet HTML 39Page - NXP Semiconductors NTP53X2 Datasheet HTML 40Page - NXP Semiconductors NTP53X2 Datasheet HTML 41Page - NXP Semiconductors NTP53X2 Datasheet HTML 42Page - NXP Semiconductors NTP53X2 Datasheet HTML 43Page - NXP Semiconductors NTP53X2 Datasheet HTML 44Page - NXP Semiconductors NTP53X2 Datasheet HTML 45Page - NXP Semiconductors NTP53X2 Datasheet HTML 46Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 133 page
background image
NXP Semiconductors
NTP53x2
NTAG 5 link - NFC Forum-compliant I2C bridge
NTP53x2
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2020. All rights reserved.
Product data sheet
Rev. 3.3 — 3 July 2020
COMPANY PUBLIC
544533
42 / 133
Table 69. Restricted AREA_1 Pointer location
Block Address
NFC
I2C
Byte 0
Byte 1
Byte 2
Byte 3
3Fh
103Fh
DEV_SEC_CONFIG
SRAM_CONF_PROT
PP_AREA_1 (LSB)
PP_AREA_1 (MSB)
In below example, NFC protection pointer (NFC_PP_AREA_0H) is set to 50h and
PP_AREA_1 is set to 0060h, e.g. PP_AREA_1 (LSB) is 60h and PP_AREA_1 (MSB) is
00h. This example illustrates the view from NFC perspective.
From I2C perspective Area 1 will be the same, however Area 0-L and Area 0-H may look
different depending on I2C protection pointer.
Table 70. Memory organization example from NFC perspective
Block
Byte 0
Byte 1
Byte 2
Byte 3
Description
0000h
0001h
0002h
...
...
...
...
...
004Fh
AREA_0-L
0050h
0051h
...
...
...
...
...
005Fh
AREA_0-H
0060h
0061h
...
...
...
...
...
01FEh
AREA_1
01FFh
C0
C1
00h
PROT
Counter
8.1.3.25 Application Family Identifier
The Application Family Identifier (AFI) represents the type of application targeted by the
device and is used to extract from all the ICs present only the ICs meeting the required
application criteria.
AFI can be configured using WRITE AFI command (see Section 8.2.3.9.1) or directly
writing AFI byte to configuration memory using WRITE CONFIG command (see
Section 8.2.3.2.2).
Default value of AFI is 00h.
From I2C perspective, this byte can be accessed with normal READ and WRITE
commands as long as not locked by I2C section locks.
Table 71. Application Family Identifier (AFI) location
Block Address
NFC
I2C
Byte 0
Byte 1
Byte 2
Byte 3
55h
1055h
AFI
RFU



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com