Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NTP53X2 Datasheet(PDF) 95 Page - NXP Semiconductors

Part # NTP53X2
Description  NTAG 5 link - NFC Forum-compliant I2C bridge
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

NTP53X2 Datasheet(HTML) 95 Page - NXP Semiconductors

Back Button NTP53X2 Datasheet HTML 91Page - NXP Semiconductors NTP53X2 Datasheet HTML 92Page - NXP Semiconductors NTP53X2 Datasheet HTML 93Page - NXP Semiconductors NTP53X2 Datasheet HTML 94Page - NXP Semiconductors NTP53X2 Datasheet HTML 95Page - NXP Semiconductors NTP53X2 Datasheet HTML 96Page - NXP Semiconductors NTP53X2 Datasheet HTML 97Page - NXP Semiconductors NTP53X2 Datasheet HTML 98Page - NXP Semiconductors NTP53X2 Datasheet HTML 99Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 133 page
background image
NXP Semiconductors
NTP53x2
NTAG 5 link - NFC Forum-compliant I2C bridge
NTP53x2
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2020. All rights reserved.
Product data sheet
Rev. 3.3 — 3 July 2020
COMPANY PUBLIC
544533
95 / 133
Table 216. GET NXP SYSTEM INFORMATION request format
Flags
Get NXP System Info Manuf. code
UID
CRC16
8 bits
8 bits
8 bits
64 bits (optional)
16 bits
Table 217. GET NXP SYSTEM INFORMATION response format when Error_flag is NOT set
Flags
PP
pointer
PP
condition
Lock bits
Feature
flag
CRC16
8 bits
8 bits
8 bits
8 bits
32 bits
16 bits
On a valid received command the IC responds with detailed information:
PP pointer byte contains the block address of the protection pointer.
PP condition byte contains information about the access condition to Page H and Page L.
Table 218. Protection Pointer condition byte
Bit
Name
Value
Description
7
RFU
0b
6
RFU
0b
0b
Page 0-H is not write protected
5
WH
1b
Page 0-H is write protected
0b
Page 0-H is not read protected
4
RH
1b
Page 0-H is read protected
3
RFU
0b
2
RFU
0b
0b
Page 0-L is not write protected
1
WL
1b
Page 0-L is write protected
0b
Page 0-L is not read protected
0
RL
1b
Page 0-L is read protected
Lock bits byte contains information about permanently locked features.
Table 219. Lock bits byte
Bit
Name
Value
Description
7 to 4
RFU
0b
0b
NFC_PP_AREA_0H and NFC_PPC is NOT locked
3
NFC_PP_AREA_0H and
NFC_PPC
1b
NFC_PP_AREA_0H and NFC_PPC is locked
0b
DSFID is NOT locked
2
DSFID
1b
DSFID is locked
0b
EAS is NOT locked
1
EAS
1b
EAS is locked
0b
AFI is NOT locked
0
AFI
1b
AFI is locked



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com