Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NTP53X2 Datasheet(PDF) 34 Page - NXP Semiconductors

Part # NTP53X2
Description  NTAG 5 link - NFC Forum-compliant I2C bridge
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

NTP53X2 Datasheet(HTML) 34 Page - NXP Semiconductors

Back Button NTP53X2 Datasheet HTML 30Page - NXP Semiconductors NTP53X2 Datasheet HTML 31Page - NXP Semiconductors NTP53X2 Datasheet HTML 32Page - NXP Semiconductors NTP53X2 Datasheet HTML 33Page - NXP Semiconductors NTP53X2 Datasheet HTML 34Page - NXP Semiconductors NTP53X2 Datasheet HTML 35Page - NXP Semiconductors NTP53X2 Datasheet HTML 36Page - NXP Semiconductors NTP53X2 Datasheet HTML 37Page - NXP Semiconductors NTP53X2 Datasheet HTML 38Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 133 page
background image
NXP Semiconductors
NTP53x2
NTAG 5 link - NFC Forum-compliant I2C bridge
NTP53x2
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2020. All rights reserved.
Product data sheet
Rev. 3.3 — 3 July 2020
COMPANY PUBLIC
544533
34 / 133
Table 42. PWM and GPIO Configuration Location (PWM_GPIO_CONFIG)
Block Address
NFC
I2C
Byte 0
Byte 1
Byte 2
Byte 3
39h
1039h
PWM_GPIO_
CONFIG_0
PWM_GPIO_
CONFIG_1
RFU
Table 43. PWM and GPIO Configuration Definition (PWM_GPIO_CONFIG_0)
Bit
Name
Value
Description
0b
Output status on pad is LOW (default)
7
SDA_GPIO1_OUT_STATUS
1b
Output status on pad is HIGH
0b
Output status on pad is LOW (default)
6
SCL_GPIO0_OUT_STATUS
1b
Output status on pad is HIGH
5 to 4
RFU
00b
0b
Output (Default)
3
SDA_GPIO1
1b
Input
0b
Output (Default)
2
SCL_GPIO0
1b
Input
0b
GPIO (Default)
1
SDA_GPIO1_PWM1
1b
PWM
0b
GPIO (Default)
0
SCL_GPIO0_PWM0
1b
PWM
Table 44. PWM and GPIO Configuration Definition (PWM_GPIO_CONFIG_1 and PWM_GPIO_CONFIG_1_REG)
Bit
Name
Value
Description
7
6
PWM1_PRESCALE
00b
Pre-scalar configuration for PWM1 channel
(default 00b)
5
4
PWM0_PRESCALE
00b
Pre-scalar configuration for PWM0 channel
(default 00b)
00b
6-bit resolution (default)
3
01b
8-bit resolution
10b
10-bit resolution
2
PWM1_RESOLUTION_CONF
11b
12-bit resolution
00b
6-bit resolution (default)
1
01b
8-bit resolution
10b
10-bit resolution
0
PWM0_RESOLUTION_CONF
11b
12-bit resolution



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com