Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NTP53X2 Datasheet(PDF) 59 Page - NXP Semiconductors

Part # NTP53X2
Description  NTAG 5 link - NFC Forum-compliant I2C bridge
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

NTP53X2 Datasheet(HTML) 59 Page - NXP Semiconductors

Back Button NTP53X2 Datasheet HTML 55Page - NXP Semiconductors NTP53X2 Datasheet HTML 56Page - NXP Semiconductors NTP53X2 Datasheet HTML 57Page - NXP Semiconductors NTP53X2 Datasheet HTML 58Page - NXP Semiconductors NTP53X2 Datasheet HTML 59Page - NXP Semiconductors NTP53X2 Datasheet HTML 60Page - NXP Semiconductors NTP53X2 Datasheet HTML 61Page - NXP Semiconductors NTP53X2 Datasheet HTML 62Page - NXP Semiconductors NTP53X2 Datasheet HTML 63Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 133 page
background image
NXP Semiconductors
NTP53x2
NTAG 5 link - NFC Forum-compliant I2C bridge
NTP53x2
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2020. All rights reserved.
Product data sheet
Rev. 3.3 — 3 July 2020
COMPANY PUBLIC
544533
59 / 133
Block Address
NFC
I2C
Byte 0
Byte 1
Byte 2
Byte 3
Description
1FFh
N/A
C0
C1
00h
PROT
Counter
In the pass-through mode, READ and WRITE SRAM commands should be used to
transfer data between the two interfaces.
After POR the SRAM can be pre-loaded with default data (e.g. NDEF message)
depending on SRAM_COPY_ENABLE bit in CONFIG register. If SRAM_COPY_ENABLE
bit and SRAM_ENABLE both are set to 1b, then the copy feature will be triggered after
POR. The startup time depends upon the number of bytes (maximum 64) to be copied.
In the table below, an example is illustrated where 48 bytes are copied to the SRAM on
POR.
Table 108. SRAM mirroring with default content
Block
Byte 0
Byte 1
Byte 2
Byte 3
Description
0
SRAM_DEF00
SRAM_DEF01
SRAM_DEF02
SRAM_DEF03
:
...SRAM_DEF...
11
SRAM_DEF44
SRAM_DEF45
SRAM_DEF46
SRAM_DEF47
When SRAM is mirrored and
SRAM_COPY_BYTES is equal
to 30h, 48 bytes will be copied to
SRAM after POR automatically
12
SRAM
:
:
:
:
:
63
SRAM
Rest of mirrored SRAM will be
random data
64
EEPROM
:
:
:
:
:
From block 64 onwards again
EEPROM will be addressed
510
EEPROM
511
C0
C1
00h
PROT
Counter
Table 109. SRAM COPY BYTES (SRAM_COPY_BYTES)
Block Address
NFC
I2C
Byte 0
Byte 1
Byte 2
Byte 3
3Ch
103Ch
WDT_CONFIG
WDT_ENABLE
SRAM_COPY_BYTES
Table 110. SRAM_COPY_BYTES Definition
Bit
Name
Description
7 to 6
RFU
RFU
5 to 0
SRAM_COPY_BYTES
6-bit length field. Defines the number of bytes (SRAM_COPY_BYTES + 1)
to be copied from CONFIG memory to SRAM at startup. Maximum is 3Fh.
Higher values are RFU. Default all bits are 0b.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com