Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NTP53X2 Datasheet(PDF) 35 Page - NXP Semiconductors

Part # NTP53X2
Description  NTAG 5 link - NFC Forum-compliant I2C bridge
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

NTP53X2 Datasheet(HTML) 35 Page - NXP Semiconductors

Back Button NTP53X2 Datasheet HTML 31Page - NXP Semiconductors NTP53X2 Datasheet HTML 32Page - NXP Semiconductors NTP53X2 Datasheet HTML 33Page - NXP Semiconductors NTP53X2 Datasheet HTML 34Page - NXP Semiconductors NTP53X2 Datasheet HTML 35Page - NXP Semiconductors NTP53X2 Datasheet HTML 36Page - NXP Semiconductors NTP53X2 Datasheet HTML 37Page - NXP Semiconductors NTP53X2 Datasheet HTML 38Page - NXP Semiconductors NTP53X2 Datasheet HTML 39Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 133 page
background image
NXP Semiconductors
NTP53x2
NTAG 5 link - NFC Forum-compliant I2C bridge
NTP53x2
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2020. All rights reserved.
Product data sheet
Rev. 3.3 — 3 July 2020
COMPANY PUBLIC
544533
35 / 133
8.1.3.16 Pulse Width Modulation duty cycle settings
Details can be found in PWM Mode section (see Section 8.3.4).
Table 45. Pulse Width Modulation Duty Cycle Configuration Location (PWMx_ON and PWMx_OFF)
Block Address
NFC
I2C
Byte 0
Byte 1
Byte 2
Byte 3
3Ah
103Ah
PWM0_ON (LSB)
PWM0_ON (MSB)
PWM0_OFF (LSB)
PWM0_OFF (MSB)
3Bh
103Bh
PWM1_ON (LSB)
PWM1_ON (MSB)
PWM1_OFF (LSB)
PWM1_OFF (MSB)
Table 46. Pulse Width Modulation Duty Cycle Session Register Location (PWMx_ON and PWMx_OFF)
Block Address
NFC
I2C
Byte 0
Byte 1
Byte 2
Byte 3
A4h
10A4h
PWM0_ON_
REG (LSB)
PWM0_ON_
REG (MSB)
PWM0_OFF_REG (LSB)
PWM0_OFF_
REG (MSB)
A5h
10A5h
PWM1_ON_
REG (LSB)
PWM1_ON_
REG (MSB)
PWM1_OFF_REG (LSB)
PWM1_OFF_
REG (MSB)
Table 47. Pulse Width Modulatin ON time Configuration Definition (PWMx_ON and PWMx_ON_REG)
Bit
Name
Default
Value
Description
7 to 4
RFU
all 0b
3 to 0
PWMx_ON (MSB)
all 0b
7 to 0
PWMx_ON (LSB)
all 0b
coded time PWM channel x output will be asserted HIGH
Table 48. Pulse Width Modulation OFF time Configuration Definition (PWMx_OFF and PWMx_OFF_REG)
Bit
Name
Default
Value
Description
7 to 4
RFU
all 0b
3 to 0
PWMx_OFF (MSB)
all 0b
7 to 0
PWMx_OFF (LSB)
all 0b
coded time PWM channel x output will be asserted LOW
PWM on and off times are coded by using maximum 12 bits. To code for example,
PWM0_ON as 0123h, PWM0_ON (LSB) is set to 23h, and PWM0_ON (MSB) is set to
01h.
8.1.3.17 Watch Dog Timer settings
I2C Watch Dog Timer settings can be adjusted and enabled via configuration bytes from
both interfaces. Related session registers are read only. Watch Dog Timer 16-bit default
value is 0848h. Details can be found in WDT section (see Section 8.3.1.3).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com