Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NTP53X2 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # NTP53X2
Description  NTAG 5 link - NFC Forum-compliant I2C bridge
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

NTP53X2 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button NTP53X2 Datasheet HTML 2Page - NXP Semiconductors NTP53X2 Datasheet HTML 3Page - NXP Semiconductors NTP53X2 Datasheet HTML 4Page - NXP Semiconductors NTP53X2 Datasheet HTML 5Page - NXP Semiconductors NTP53X2 Datasheet HTML 6Page - NXP Semiconductors NTP53X2 Datasheet HTML 7Page - NXP Semiconductors NTP53X2 Datasheet HTML 8Page - NXP Semiconductors NTP53X2 Datasheet HTML 9Page - NXP Semiconductors NTP53X2 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 133 page
background image
NXP Semiconductors
NTP53x2
NTAG 5 link - NFC Forum-compliant I2C bridge
NTP53x2
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2020. All rights reserved.
Product data sheet
Rev. 3.3 — 3 July 2020
COMPANY PUBLIC
544533
6 / 133
4 Ordering information
Table 1. Ordering information
Package
Orderable part
number
Name
Description
Version
NTP53121G0JHKZ
XQFN16
NTAG 5 link; with I2C interface and 2048 bytes user
EEPROM plastic,
extremely thin quad flat package; no leads; 16 terminals
SOT1161-2
NTP53121G0JTTZ
TSSOP16 NTAG 5 link; with I2C interface and 2048 bytes user
EEPROM plastic,
thin shrink small outline package; 16 leads; 0.65 mm pitch;
5 mm x 4.4 mm x 1.1 mm body
SOT403-1
NTP53121G0JTZ
SO8
NTAG 5 link; with I2C interface and 2048 bytes user
EEPROM plastic,
small outline package; 8 leads; 1.27 mm pitch;
4.9 mm x 3.9 mm x 1.75 mm body
SOT96-1
NTP53121G0FUAV
Wafer
NTAG 5 link; 8 inch wafer, 150 µm thickness, on film frame
carrier, electronic fail die marking according to SECS-II
format)
-
NTP53321G0JHKZ
XQFN16
NTAG 5 link with I2C master/slave interface, AES
authentication and 2048 bytes user EEPROM
plastic, extremely thin quad flat package; no leads; 16
terminals
SOT1161-2
NTP53321G0JTTZ
TSSOP16 NTAG 5 link with I2C master/slave interface, AES
authentication and 2048 bytes user EEPROM plastic,
thin shrink small outline package; 16 leads; 0.65 mm pitch;
5 mm x 4.4 mm x 1.1 mm body
SOT403-1
NTP53321G0JTZ
SO8
NTAG 5 link with I2C master/slave interface, AES
authentication and 2048 bytes user EEPROM plastic,
small outline package; 8 leads; 1.27 mm pitch;
4.9 mm x 3.9 mm x 1.75 mm body
SOT96-1
NTP53321G0FUAV
Wafer
NTAG 5 link; 8 inch wafer, 150 µm thickness, on film frame
carrier, electronic fail die marking according to SECS-II
format)
-
REMARK: Wafer specification addendum is available after exchange of a non-disclosure
agreement (NDA)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com