Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NTP53X2 Datasheet(PDF) 45 Page - NXP Semiconductors

Part # NTP53X2
Description  NTAG 5 link - NFC Forum-compliant I2C bridge
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

NTP53X2 Datasheet(HTML) 45 Page - NXP Semiconductors

Back Button NTP53X2 Datasheet HTML 41Page - NXP Semiconductors NTP53X2 Datasheet HTML 42Page - NXP Semiconductors NTP53X2 Datasheet HTML 43Page - NXP Semiconductors NTP53X2 Datasheet HTML 44Page - NXP Semiconductors NTP53X2 Datasheet HTML 45Page - NXP Semiconductors NTP53X2 Datasheet HTML 46Page - NXP Semiconductors NTP53X2 Datasheet HTML 47Page - NXP Semiconductors NTP53X2 Datasheet HTML 48Page - NXP Semiconductors NTP53X2 Datasheet HTML 49Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 133 page
background image
NXP Semiconductors
NTP53x2
NTAG 5 link - NFC Forum-compliant I2C bridge
NTP53x2
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2020. All rights reserved.
Product data sheet
Rev. 3.3 — 3 July 2020
COMPANY PUBLIC
544533
45 / 133
one block of user memory area (e.g., bit 0 of byte 0 locks block 0).These bytes can be
written by NFC and I2C. The access to these bytes for the particular interface can be
restricted by configuring the device SECTION_LOCK (see Table 80).
Table 78. NFC Lock Block Configuration location
Block Address
NFC
I2C
Byte 0
Byte 1
Byte 2
Byte 3
6Ah
106Ah
NFC_LOCK_BL00
NFC_LOCK_BL01
RFU
RFU
...
...
...
...
RFU
RFU
89h
1089h
NFC_LOCK_BL62
NFC_LOCK_BL63
RFU
RFU
8.1.3.31 I2C lock bytes
User blocks can be blocked from writing by the I2C interface. These bits are one time
programmable. Once written 1b, they cannot be changed back to 0b. Each bit locks 4
blocks of user memory area (e.g., bit 0 of byte 0 locks blocks 0, 1, 2 and 3).These bytes
can be written by NFC and I2C. The access to these bytes for the particular interface can
be restricted by configuring the device configuration section locks bytes (see Table 80).
I2C_LOCK_BL00 – bit 0 – will lock user blocks 0,1,2,3 from I2C perspective.
Table 79. I2C Lock Block Configuration location
Block Address
NFC
I2C
Byte 0
Byte 1
Byte 2
Byte 3
8Ah
108Ah I2C_LOCK_BL00 I2C_LOCK_BL01
RFU
RFU
...
...
...
...
RFU
RFU
91h
1091h I2C_LOCK_BL14 I2C_LOCK_BL15
RFU
RFU
8.1.3.32 Device configuration section lock bytes
Lock bits are provided to lock different sections of the configuration area. 16 bits for
each interface are provided to define access conditions for different sections of the
configuration area.
First column in the configuration memory table (see Table 11) defines the affiliated blocks
of each section.
Table 80. Device configuration section lock bytes location
Block Address
NFC
I2C
Byte 0
Byte 1
Byte 2
Byte 3
92h
1092h
NFC_LOCK_0
RFU
93h
1093h
NFC_LOCK_1
RFU
94h
1094h
I2C_LOCK_0
RFU
95h
1095h
I2C_LOCK_1
RFU
These section lock configurations are provided to allow customer to initialize NTAG 5 link
during customer configuration from either I2C or NFC interface. After the configuration
is done, it is recommended to write the appropriate lock conditions and lock the device
configuration bytes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com