Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NTP53X2 Datasheet(PDF) 101 Page - NXP Semiconductors

Part # NTP53X2
Description  NTAG 5 link - NFC Forum-compliant I2C bridge
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

NTP53X2 Datasheet(HTML) 101 Page - NXP Semiconductors

Back Button NTP53X2 Datasheet HTML 97Page - NXP Semiconductors NTP53X2 Datasheet HTML 98Page - NXP Semiconductors NTP53X2 Datasheet HTML 99Page - NXP Semiconductors NTP53X2 Datasheet HTML 100Page - NXP Semiconductors NTP53X2 Datasheet HTML 101Page - NXP Semiconductors NTP53X2 Datasheet HTML 102Page - NXP Semiconductors NTP53X2 Datasheet HTML 103Page - NXP Semiconductors NTP53X2 Datasheet HTML 104Page - NXP Semiconductors NTP53X2 Datasheet HTML 105Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 133 page
background image
NXP Semiconductors
NTP53x2
NTAG 5 link - NFC Forum-compliant I2C bridge
NTP53x2
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2020. All rights reserved.
Product data sheet
Rev. 3.3 — 3 July 2020
COMPANY PUBLIC
544533
101 / 133
8.3.1.1.6 Disable I2C Interface
NTAG 5 link offers the option to disable the I2C interface temporarily using the session
register bit DISABLE_I2C (see Table 100). With this feature, the NFC Device can easily
get exclusive access to EEPROM.
This feature can be enabled via the NFC interface during the session by setting related
session bit.
8.3.1.2 Master mode of NTP5332
NTAG 5 link can be configured in I2C master mode. Using I2C Master interface, I2C slave
device like sensors or memories can be connected to NTAG 5 link without an external
microcontroller. Using energy harvesting capability, I2C device can be powered by NTAG
5 link .
When using I2C master mode, it must be ensured, that there is no other active I2C master
on the same bus. The USE_CASE_CONF needs to be set to I2C master (01b) and
SRAM needs to be enabled in CONFIG_1 byte (see Table 38).
The used clock speed can be configured by setting I2C_MASTER_SCL_LOW and
I2C_MASTER_SCL_HIGH (see Section 8.1.3.21).
To communicate with the connected I2C slave device two custom commands are
implemented.
• WRITE I2C (see Section 8.2.3.8.1)
• READ I2C (see Section 8.2.3.8.2)
The response from the READ I2C command will be stored in the SRAM and can be read
(see Section 8.2.3.6.1) afterwards from NFC perspective. Due to the 256 byte SRAM,
only 256 bytes can be written / read at once to / from the I2C interface.
Of course, all other NFC commands are working in master mode and the user memory
as well as configuration memory is accessible from NFC perspective.
WARNING: When enabling I2C master mode and disabling NFC interface in parallel,
NTAG 5 link gets disabled for current session.
Implementation details can be found in AN12368.
8.3.1.3 Watch Dog Timer
A programmable watchdog timer is implemented to unlock the I2C host from NTAG 5
link latest after a defined maximum time period. The host itself will not be notified of this
event directly but the NFC status register is updated accordingly.
On default Watch Dog Timer is enabled with a value of 0848h (~20 ms) but the watchdog
timer can be freely set with WDT_CONFIG from 0000h (9.434 μs) up to (FFFFh+1) *
9.434 µs (~618 ms). It is recommended to keep this time as short as possible, by setting
the value above, but close to the maximum needed I2C transaction time.
The timer is only active, when WDT_ENABLE is set to 1b and the IC is VCC powered.
The timer starts ticking when the I2C communication starts. The Watch Dog Timer
ensures, that I2C interface gets released after the configured time period in any case.
In the case where the I2C communication has completed before the end of the timer and
the status register I2C_IF_LOCKED was not cleared by the host, it will be cleared when
defined watchdog time elapses.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com