Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NTP53X2 Datasheet(PDF) 104 Page - NXP Semiconductors

Part # NTP53X2
Description  NTAG 5 link - NFC Forum-compliant I2C bridge
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

NTP53X2 Datasheet(HTML) 104 Page - NXP Semiconductors

Back Button NTP53X2 Datasheet HTML 100Page - NXP Semiconductors NTP53X2 Datasheet HTML 101Page - NXP Semiconductors NTP53X2 Datasheet HTML 102Page - NXP Semiconductors NTP53X2 Datasheet HTML 103Page - NXP Semiconductors NTP53X2 Datasheet HTML 104Page - NXP Semiconductors NTP53X2 Datasheet HTML 105Page - NXP Semiconductors NTP53X2 Datasheet HTML 106Page - NXP Semiconductors NTP53X2 Datasheet HTML 107Page - NXP Semiconductors NTP53X2 Datasheet HTML 108Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 133 page
background image
NXP Semiconductors
NTP53x2
NTAG 5 link - NFC Forum-compliant I2C bridge
NTP53x2
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2020. All rights reserved.
Product data sheet
Rev. 3.3 — 3 July 2020
COMPANY PUBLIC
544533
104 / 133
The configurable events indicated at event detection pin are:
• The presence/absence of the NFC field
• Data read/written in pass-through mode
• Arbiter locked/unlocked EEPROM to NFC interface
• NDEF Message TLV length field is ZERO/non-ZERO
• IC is/is not in standby mode
• Dedicated config bit is ZERO
• Write/Read command ongoing
Event detection pin is an active LOW signal. Due to open-drain implementation an
external pull-up resistor shall be used on this pin.
How to use the event detection pin in applications is described in AN11203.
8.3.3 GPIO
I2C pins (SCL/SDA) are multiplexed and can be used as general-purpose input/
output pins linked to configuration/session bits. When configured as GPIO pins, I2C
communication is not possible anymore.
At POR, the GPIO are set to high-impedance state. When configuration is read, the pins
are controlled to behave as per the configuration.
GPIOs can be configured to be either input or output (see Section 8.1.3.15). In input
mode, the status of the pad will be available in one of the session register bits. In output
mode status depends on the session register/config bits content.
How to use the GPIO pins in applications is described in AN11203.
8.3.4 PWM
I2C pins (SDA/SCL) and ED pin are multiplexed and can be used as a pulse width
modulation output. I2C pins have push-pull architecture, ED pin is an open-drain
implementation, which means the PWM signal gets inverted.
PWM resolution, pre-scalar factor (see Section 8.1.3.15) as well as duty cycle can be
configured using configuration bytes (see Section 8.1.3.16).
The pulse width modulation resolution (PWMx_RESOLUTION_CONF) defines the
maximum number of pulses that are available in the given PWM period. PWM resolution
can be set independently for both outputs to either 6, 8, 10 or 12 bits.
The 2-bit PWMx_PRESCALE value divides the PWM input frequency (1695 kHz) by a
factor of 1, 2, 4 or 8.
Table 230. Pulse Width Modulation Frequency
Pre-scalar
Resolution
00b
01b
10b
11b
12 bit
413 Hz
206 Hz
103 Hz
52 Hz
10 bit
1.7 kHz
825.0 Hz
412.6 Hz
206.2 Hz
8 bit
6.6 kHz
3.3 kHz
1.7 kHz
825.0 Hz
6 bit
26.4 kHz
13.2 kHz
6.6 kHz
3.3 kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com