Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NTP53X2 Datasheet(PDF) 108 Page - NXP Semiconductors

Part # NTP53X2
Description  NTAG 5 link - NFC Forum-compliant I2C bridge
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

NTP53X2 Datasheet(HTML) 108 Page - NXP Semiconductors

Back Button NTP53X2 Datasheet HTML 104Page - NXP Semiconductors NTP53X2 Datasheet HTML 105Page - NXP Semiconductors NTP53X2 Datasheet HTML 106Page - NXP Semiconductors NTP53X2 Datasheet HTML 107Page - NXP Semiconductors NTP53X2 Datasheet HTML 108Page - NXP Semiconductors NTP53X2 Datasheet HTML 109Page - NXP Semiconductors NTP53X2 Datasheet HTML 110Page - NXP Semiconductors NTP53X2 Datasheet HTML 111Page - NXP Semiconductors NTP53X2 Datasheet HTML 112Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 108 / 133 page
background image
NXP Semiconductors
NTP53x2
NTAG 5 link - NFC Forum-compliant I2C bridge
NTP53x2
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2020. All rights reserved.
Product data sheet
Rev. 3.3 — 3 July 2020
COMPANY PUBLIC
544533
108 / 133
aaa-035476
tuning cap
optional open drain control
signal to control host
Rpu
1 µF
HOST
VCC
VOUT
VDD
GND
VOUT configurable to 1.8 V, 2.4 V or 3 V
ED
LA
LB
GND
Figure 13. Energy harvesting example circuit
How to use energy harvesting in applications is described in AN12365.
8.6 Security
NTAG 5 link implements different levels to protect data. The easiest, but efficient method
is to lock EEPROM to read only.
With the plain password authentication scheme, the memory can be split in three
different parts with different access conditions.
With NTP5332's mutual AES authentication the memory is split in three different parts
again, but with the advantage, that the password will never be transmitted in plain text.
Configuration area and SRAM can be protected from both interfaces as well.
Further implementation details can be found in AN12366.
8.6.1 Locking EEPROM to read only
Independent on the split of the memory, the user memory may be locked to read-only.
If the user EEPROM shall stay in read/write state, the LOCK BLOCK command can be
disabled (see Table 39) and lock block sections can be locked (see Table 80). With these
features, it can be ensured, NTAG 5 link stays in read/write state.
Locking the complete EEPROM to read-only as defined in NFC Forum Type 5 Tag
specification is quite time consuming. Every single block needs to be addressed by a
LOCK BLOCK command (see Section 8.2.3.5). To accelerate this locking, NTAG 5 link
stores the information in the configuration area. With this feature, locking the EEPROM
can be accelerated by a factor of 16. Note, that these bits are one time programmable
(see Section 8.1.3.30) and blocks are indicated as locked in the Get Multiple Block
Security Status response.
As long as I2C Lock Block Configuration bytes are not set to 1b, the user EEPROM may
still be modified from I2C perspective.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com