Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NTP53X2 Datasheet(PDF) 111 Page - NXP Semiconductors

Part # NTP53X2
Description  NTAG 5 link - NFC Forum-compliant I2C bridge
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

NTP53X2 Datasheet(HTML) 111 Page - NXP Semiconductors

Back Button NTP53X2 Datasheet HTML 107Page - NXP Semiconductors NTP53X2 Datasheet HTML 108Page - NXP Semiconductors NTP53X2 Datasheet HTML 109Page - NXP Semiconductors NTP53X2 Datasheet HTML 110Page - NXP Semiconductors NTP53X2 Datasheet HTML 111Page - NXP Semiconductors NTP53X2 Datasheet HTML 112Page - NXP Semiconductors NTP53X2 Datasheet HTML 113Page - NXP Semiconductors NTP53X2 Datasheet HTML 114Page - NXP Semiconductors NTP53X2 Datasheet HTML 115Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 111 / 133 page
background image
NXP Semiconductors
NTP53x2
NTAG 5 link - NFC Forum-compliant I2C bridge
NTP53x2
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2020. All rights reserved.
Product data sheet
Rev. 3.3 — 3 July 2020
COMPANY PUBLIC
544533
111 / 133
8.7 NFC privacy mode
In the privacy mode, the NTAG 5 link is not traceable by its UID neither by data stored
in the user memory. All NTAG 5 link in the NFC PRIVACY mode will respond to an
Inventory command with the UID E0 04 00 00 00 00 00 00, consequently also the user
memory is NOT accessible.
NTOE: An anti-collision procedure is not possible in plain password mode.
In plain password mode ENABLE NFC PRIVACY Mode command (see
Section 8.2.3.3.9) with a valid privacy password is used to set NTAG 5 link to this mode
and DISABLE NFC PRIVACY (see Section 8.2.3.3.10) is used to disable it again.
In AES mode, a valid mutual authentication (see Section 8.2.3.4.4) with the vendor-
specific Purpose_MAM2[3:0] (see Table 164) and a key with the privacy privilege set to
1b is needed to enable using Purpose_MAM2 = 1001b and disable the NFC PRIVACY
mode using Purpose_MAM2 = 1000b until next NFC field reset or 1010b permanently.
NTAG 5 link in NFC PRIVACY mode only support following commands:
• INVENTORY
• SELECT
• STAY QUIET
• RESET TO READY
• PICK RANDOM ID (in AES mode to allow an anti-collision procedure)
• GET RANDOM NUMBER
• DISABLE NFC PRIVACY in plain password mode
• AUTHENTICATE
8.8 Programmable Originality signature
NTAG 5 link original signature is based on standard Elliptic Curve Cryptography (curve
name secp128r1), according to the ECDSA algorithm. The use of a standard algorithm
and curve ensures easy software integration of the originality check procedure in NFC
devices without specific hardware requirements.
The UID is signed with an NXP private key and the resulting 32 byte signature is stored
in the configuration memory during IC production.
The originality signature is stored in the configuration memory block 00h to block 07h.
Table 233. 32 Byte Originality Signature
Block Address
NFC
I2C
Byte 0
Byte 1
Byte 2
Byte 3
00h
1000h
SIG0 (LSB)
SIG1
SIG2
SIG3
01h
1001h
SIG4
SIG5
SIG6
SIG7
02h
1002h
SIG8
SIG9
SIG10
SIG11
03h
1003h
SIG12
SIG13
SIG14
SIG15
04h
1004h
SIG16
SIG17
SIG18
SIG19
05h
1005h
SIG20
SIG21
SIG22
SIG23
06h
1006h
SIG24
SIG25
SIG26
SIG27
07h
1007h
SIG28
SIG29
SIG30
SIG31 (MSB)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com