Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NTP53X2 Datasheet(PDF) 115 Page - NXP Semiconductors

Part # NTP53X2
Description  NTAG 5 link - NFC Forum-compliant I2C bridge
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

NTP53X2 Datasheet(HTML) 115 Page - NXP Semiconductors

Back Button NTP53X2 Datasheet HTML 111Page - NXP Semiconductors NTP53X2 Datasheet HTML 112Page - NXP Semiconductors NTP53X2 Datasheet HTML 113Page - NXP Semiconductors NTP53X2 Datasheet HTML 114Page - NXP Semiconductors NTP53X2 Datasheet HTML 115Page - NXP Semiconductors NTP53X2 Datasheet HTML 116Page - NXP Semiconductors NTP53X2 Datasheet HTML 117Page - NXP Semiconductors NTP53X2 Datasheet HTML 118Page - NXP Semiconductors NTP53X2 Datasheet HTML 119Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 115 / 133 page
background image
NXP Semiconductors
NTP53x2
NTAG 5 link - NFC Forum-compliant I2C bridge
NTP53x2
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2020. All rights reserved.
Product data sheet
Rev. 3.3 — 3 July 2020
COMPANY PUBLIC
544533
115 / 133
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Istandby Vcc
standby current
VCC = 3.3 V wake-up via
I2C
-
5.9
18
µA
Istandby Vcc
standby current
VCC = 5.5 V wake-up via
I2C
-
6.9
21
µA
Ihrd_pwr_dwn
Vcc
hard power down current
VCC = 1.8 V; XQFN16
package only
-
0.23
2.3
µA
Ihrd_pwr_dwn
Vcc
hard power down current
VCC = 3.3 V; XQFN16
package only
-
0.25
3.44
µA
Ihrd_pwr_dwn
Vcc
hard power down current
VCC = 5.5 V; XQFN16
package only
-
0.31
5.72
µA
Energy harvesting VOUT pad
configured to 1.8 V; load
current <= configured
output current
1.62
-
1.98
V
configured to 2.4 V; load
current <= configured
output current
2.16
-
2.64
V
Vout
output voltage
configured to 3.0 V; load
current <= configured
output current
2.7
-
3.3
V
Iout
min. output current
at different regulated output
voltages when current
detection is enabled and
dependent on selected
output current value
0.4
-
12.5
mA
ED pin characteristics
VOL
LOW-level output voltage
IOL = 3 mA
-
-
0.4
V
IIED
leakage current
VIN = 0 V to 5.5 V
10
-
1000
nA
HPD pin characteristics for XQFN16 package
VIL
LOW-level input voltage
0
-
0.3*VCC
V
VIH
HIGH-level input voltage
0.7*VCC
-
VCC
V
IIL
LOW-level input current
VIN = 0 V
-1
-
-
µA
IIH
HIGH-level input current
VIN = 5.5 V
-
-
1
µA
Ci
input capacitance
-
-
1.2
pF
GPIO pad pin characteristics in I2C mode
VIH
HIGH-level input voltage
0.7*VCC
-
-
V
VIL
LOW-level input voltage
-
-
0.3*VCC
V
IIL
LOW-level input current
VIN = 0 V
-1
-
-
µA
IIH
HIGH-level input current
VIN = 5.5 V
-
-
1
µA
VOH
HIGH-level output voltage
IOH < 3 mA
0.7*VCC
-
VCC
V
VOL
LOW-level output voltage
IOL < 3 mA
0
-
0.4
V
Ci
input capacitance
-
-
3.5
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com