Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NTP53X2 Datasheet(PDF) 116 Page - NXP Semiconductors

Part # NTP53X2
Description  NTAG 5 link - NFC Forum-compliant I2C bridge
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

NTP53X2 Datasheet(HTML) 116 Page - NXP Semiconductors

Back Button NTP53X2 Datasheet HTML 112Page - NXP Semiconductors NTP53X2 Datasheet HTML 113Page - NXP Semiconductors NTP53X2 Datasheet HTML 114Page - NXP Semiconductors NTP53X2 Datasheet HTML 115Page - NXP Semiconductors NTP53X2 Datasheet HTML 116Page - NXP Semiconductors NTP53X2 Datasheet HTML 117Page - NXP Semiconductors NTP53X2 Datasheet HTML 118Page - NXP Semiconductors NTP53X2 Datasheet HTML 119Page - NXP Semiconductors NTP53X2 Datasheet HTML 120Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 116 / 133 page
background image
NXP Semiconductors
NTP53x2
NTAG 5 link - NFC Forum-compliant I2C bridge
NTP53x2
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2020. All rights reserved.
Product data sheet
Rev. 3.3 — 3 July 2020
COMPANY PUBLIC
544533
116 / 133
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
CL
load capacitance
-
400
-
pF
GPIO pad pin characteristics in GPIO mode
VIH
HIGH-level input voltage
0.7*VCC
-
-
V
VIL
LOW-level input voltage
-
-
0.3*VCC
V
IOL
static output low current
at VOL = 0.4 V
4
-
-
µA
IOH
static output high current
at VOH = VCC - 0.4 V
4
-
1
µA
IIL
LOW-level input current
-1
-
-
µA
IOH
HIGH-level output current
-
-
1
µA
Ci
input capacitance
-
-
3.5
pF
CL
load capacitance
-
400
-
pF
10.2 Dynamic characteristics
Table 236. 
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
I2C master SCL/SDA pin characteristics
fSCL
SCL clock frequency
fast mode; Cb < 400 pF
-
-
400
kHz
tSU;STA
set-up time for a
(repeated) START
condition
fast mode; Cb < 400 pF
600
-
-
ns
tHD;STA
hold time (repeated)
STARTcondition
fast mode; Cb < 400 pF
600
-
-
ns
tLOW
low period of the SCL
clock
fast mode; Cb < 400 pF
1.3
-
-
us
tHIGH
high period of the SCL
clock
fast mode; Cb < 400 pF
600
-
-
ns
tSU;DAT
data set-up time
fast mode; Cb < 400 pF
100
-
-
ns
tHD;DAT
data hold time
fast mode; Cb < 400 pF
0
-
900
ns
trSDA
SDA rise time
CL = 100 pF, Rpull-up = 2
K, Standard and fast mode
30
-
250
ns
tfSDA
SDA fall time
CL = 100 pF, Rpull-up = 2
K, Standard and fast mode
30
-
250
ns
Vhys
hysteresis of Schmitt
trigger inputs
fast mode; Cb < 400 pF
0.05 *VCC
-
-
V
I2C slave SDA/SCL pin characteristics
tr
rise time
CL = 100 pF, Rpull-up = 2
K,standard and fast mode
30
-
250
ns
tf
fall time
CL = 100 pF, Rpull-up = 2
K,standard and fast mode
30
-
250
ns
PWM AC timings
PWMfreq
PWM output frequency
414
-
26400
Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com