Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3676 Datasheet(PDF) 65 Page - ams AG

Part # AS3676
Description  Flexible Lighting Management
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3676 Datasheet(HTML) 65 Page - ams AG

Back Button AS3676 Datasheet HTML 61Page - ams AG AS3676 Datasheet HTML 62Page - ams AG AS3676 Datasheet HTML 63Page - ams AG AS3676 Datasheet HTML 64Page - ams AG AS3676 Datasheet HTML 65Page - ams AG AS3676 Datasheet HTML 66Page - ams AG AS3676 Datasheet HTML 67Page - ams AG AS3676 Datasheet HTML 68Page - ams AG AS3676 Datasheet HTML 69Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 92 page
background image
www.austriamicrosystems.com/AS3676
1v1-4
64 - 91
AS3676
Datasheet - D e ta i l e d D e s c r i p t i o n
8.6.2
Function Testing for LEDs connected to the Step Up DCDC Converter
For LEDs connected to the DCDC converter (usually current sinks CURR1,CURR2 and CURR6) use the following pro-
cedure:
Note: With the above described procedures electrically open and shorted LEDs can be automatically detected
7
Do the same procedure for the next LED starting
from point 2
Jump to 2. If not all the LEDs have been tested
8
Switch off the charge pump
set charge pump automatic mode
Reg 00h
 00h (cp_on = 0)
Reg 23h
 00h
Table 103. Function Testing for LEDs connected to the DCDC converter
Step
Action
Example Code
1
Switch on the current sink for the LED string to be
tested (CURR1,2 or 6)
e.g. Test LEDs on CURR1:
Reg 01h
 01h (curr1_mode=on)
Reg 09h
 3ch (curr1_current = 9mA)
2
Select the feedback path for the LED string to be
tested (e.g. step_up_fb = 01 for LED string on
CURR1)
Reg 21h
 02h (step_up_fb=curr1)
3
Set the current for step_up_vtuning exactly above
the maximum forward voltage of the tested LED
string + 0.6V (for the current sink) + 0.25V; add 6%
margin (accuracy of step_up_vtuning); this sets the
maximum output voltage limit for the DCDC
converter
e.g. 4 LEDs with UfMAX = 4.1V gives 17.25V +6% =
18.29V; if R2=1M
 and R3 = open, then select
step_up_vtuning = 18 (Reg 21h
 92h; results in
19.25V over voltage protection voltage – Table 9 on
page 14)
4Set step_up_prot = 1
Reg 22h
 04h
5
Switch on the DCDC converter
Reg 00h
 08h
6
Wait 80ms (DCDC_FB settling time)
7
Measure the voltage on DCDC_FB (ADC)
Reg 26h
 96h (adc_select=DCDC_FB, start ADC;
Fetch the ADC result from Reg 27h and 28h)
8
If the voltage on DCDC_FB is above 1.0V, the
tested LED string is broken – then skip the following
steps
(Code >199h)
9
Switch off the over voltage protection
(step_up_prot=0)
Reg 22h
 00h
10
Reduce step_up_vtuning step by step until the
measured voltage on DCDC_FB (ADC) is above
1.0V.
After changing step_up_vtuning always wait 80ms,
before AD-conversion
e.g.: Reg 21h
 62h (step_up_vtuning=12): ADC
result=1,602V
11
Measure voltage on DCDC_FB
e.g. DCDC_FB=1.602V
12
Switch off the DCDC converter
Reg 00h
 00h
13
The voltage on the LED string can be calculated
now as follows (R4 = open):
VLEDSTRING = V(DCDC_FB) + I(step_up_vtuning) *
R2 – 0.5V (current sinks feedback voltage: VFB2).
V(DCDC_FB) = ADC Measurement from point 11
I(step_up_vtuning) = last setting used for point 10
e.g.: VLED = (1.602V + 12V – 0.5V) / 4 = 3.276V
14
Compare the calculated value against the
specification limits of the tested LEDs
Table 102. Function Testing for LEDs connected to the Charge Pump
Step
Action
Example Code



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com