Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3676 Datasheet(PDF) 15 Page - ams AG

Part # AS3676
Description  Flexible Lighting Management
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3676 Datasheet(HTML) 15 Page - ams AG

Back Button AS3676 Datasheet HTML 11Page - ams AG AS3676 Datasheet HTML 12Page - ams AG AS3676 Datasheet HTML 13Page - ams AG AS3676 Datasheet HTML 14Page - ams AG AS3676 Datasheet HTML 15Page - ams AG AS3676 Datasheet HTML 16Page - ams AG AS3676 Datasheet HTML 17Page - ams AG AS3676 Datasheet HTML 18Page - ams AG AS3676 Datasheet HTML 19Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 92 page
background image
www.austriamicrosystems.com/AS3676
1v1-4
14 - 91
AS3676
Datasheet - D e ta i l e d D e s c r i p t i o n
8.2.3
Voltage Feedback
Setting bit step_up_fb (see page 15) = 00 enables voltage feedback at pin DCDC_FB. Capacitors C7 and C8 have to
be soldered in this operating mode.
The output voltage is regulated to a constant value, given by (Bit step_up_res should be set to 1 in this configuration)
UStep up_out = (R2+R3)/R3 *1.25 + IDCDC_FB * R2
(EQ 2)
If R3 is not used, the output voltage is by (Bit step_up_res should be set to 0 in this configuration)
UStep up_out = 1.25 + IDCDC_FB * R2
(EQ 3)
Where:
UStep up_out = Step Up DC/DC Converter output voltage
R2 = Feedback resistor R2
R3 = Feedback resistor R3
IDCDC_FB = Tuning current at ball DCDC_FB; 0 to 31µA
Note: The voltage on CURR1, CURR2 and CURR6 must not exceed 26V (see page 25)
8.2.4
PCB Layout Hints
To ensure good EMC performance of the DCDC converter, keep its external power components C6, R1, L1, Q1, D1
and C9 close together. Connect the ground of C6, R1 and C9 locally together and connect this with a short path to
AS3676 VSS. This ensures that local high-frequency currents will not flow to the battery.
8.2.5 Unused DCDC converter
If the DCDC converter is not used, connect DCDC_SNS to GND. DCDC_FB
3 and DCDC_GATE can be left open.
Table 9. Voltage Feedback Example Values
IDCDC_FB
UStep up_out
UStep up_out
µA
R2 = 1M
, R3 not used
R2 = 500k
, R3 = 50k
0-
13.75
1-
14.25
2-
14.75
3-
15.25
4-
15.75
5
6.25
16.25
6
7.25
16.75
7
8.25
17.25
8
9.25
17.75
9
10.25
18.25
10
11.25
18.75
11
12.25
19.25
12
13.25
19.75
13
14.25
20.25
14
15.25
20.75
15
16.25
21.25
………
30
31.25
28.75
31
32.25
29.25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com