Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3676 Datasheet(PDF) 48 Page - ams AG

Part # AS3676
Description  Flexible Lighting Management
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3676 Datasheet(HTML) 48 Page - ams AG

Back Button AS3676 Datasheet HTML 44Page - ams AG AS3676 Datasheet HTML 45Page - ams AG AS3676 Datasheet HTML 46Page - ams AG AS3676 Datasheet HTML 47Page - ams AG AS3676 Datasheet HTML 48Page - ams AG AS3676 Datasheet HTML 49Page - ams AG AS3676 Datasheet HTML 50Page - ams AG AS3676 Datasheet HTML 51Page - ams AG AS3676 Datasheet HTML 52Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 92 page
background image
www.austriamicrosystems.com/AS3676
1v1-4
47 - 91
AS3676
Datasheet - D e ta i l e d D e s c r i p t i o n
8.4.8
ALS - Ambient Light Sensing
The ADC converts every 1ms the ambient light sensor signal from pin GPIO2/LIGHT
5. This signal is pre-processed
with a offset defined by amb_offset and a gain defined by amb_gain (1/4, 1/2, 1, 2). Then it is low-pass filtered with a
programmable cut-off frequency going from 0.25Hz to 32Hz. Increasing signals and decreasing signal can have indi-
vidual cut-off frequencies adjustable from 0.25Hz to 32Hz (amb_filter_up and amb_filter_down). When setting
amb_on=1, this filter is pre-loaded with the initial value from the ADC to startup the filter at a defined condition.
5
curr32_adder
0R/W
Enables adder circuit for current source CURR32
0
Normal Operation of the current source
1
adder_current3 gets added to the current
source current
6
curr33_adder
0R/W
Enables adder circuit for current source CURR33
0
Normal Operation of the current source
1
adder_current4 gets added to the current
source current
Table 64. Subtract Enable
Register
Addr: 35h
Subtract Enable
Enable the inversion from the signal from the pwm generator
Bit
Bit Name
Default Access
Description
0
sub_en1
0R/W
Inverts the signal from the pwm generator
0
Direct Operation (no inversion)
1
The signal from the pwm generator for which
the adder is enabled (curr1_adder = 1,
curr30_adder = 1, rgb1_adder = 1,
curr41_adder = 1) is inverted
1
sub_en2
0R/W
Inverts the signal from the pwm generator
0
Direct Operation (no inversion)
1
The signal from the pwm generator for which
the adder is enabled (curr2_adder = 1,
curr31_adder = 1, rgb2_adder = 1,
curr42_adder = 1) is inverted
2
sub_en3
0R/W
Inverts the signal from the pwm generator
0
Direct Operation (no inversion)
1
The signal from the pwm generator for which
the adder is enabled (curr6_adder = 1,
curr32_adder = 1, rgb3_adder = 1,
curr43_adder = 1) is inverted
3
sub_en4
0R/W
Inverts the signal from the pwm generator
0
Direct Operation (no inversion)
1
The signal from the pwm generator for which
the adder is enabled (curr33_adder = 1)
is inverted
5. adc_select=0 (select GPIO2/LIGHT input)
Table 63. Adder Enable 2
Register (Continued)
Addr: 34h
Adder Enable 2
Enables the adder circuit for the selected current sources
Bit
Bit Name
Default Access
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com