Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3676 Datasheet(PDF) 17 Page - ams AG

Part # AS3676
Description  Flexible Lighting Management
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3676 Datasheet(HTML) 17 Page - ams AG

Back Button AS3676 Datasheet HTML 13Page - ams AG AS3676 Datasheet HTML 14Page - ams AG AS3676 Datasheet HTML 15Page - ams AG AS3676 Datasheet HTML 16Page - ams AG AS3676 Datasheet HTML 17Page - ams AG AS3676 Datasheet HTML 18Page - ams AG AS3676 Datasheet HTML 19Page - ams AG AS3676 Datasheet HTML 20Page - ams AG AS3676 Datasheet HTML 21Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 92 page
background image
www.austriamicrosystems.com/AS3676
1v1-4
16 - 91
AS3676
Datasheet - D e ta i l e d D e s c r i p t i o n
8.3
Charge Pump
The Charge Pump uses two external flying capacitors C3, C4 to generate output voltages higher than the battery volt-
age. There are three different operating modes of the charge pump itself:

1:1 Bypass Mode
- Battery input and output are connected by a low-impedance switch
- battery current = output current.

1:1.5 Mode
- The output voltage is up to 1.5 times the battery voltage (without load), but is limited to VCPOUTmax all the time
- battery current = 1.5 times output current.

1:2 Mode
- The output voltage is up to 2 times the battery voltage (without load), but is limited to VCPOUTmax all the time
- battery current = 2 times output current
As the battery voltage decreases, the Charge Pump must be switched from 1:1 mode to 1:1.5 mode and eventually in
1:2 mode in order to provide enough supply for the current sinks. Depending on the actual current the mode with best
overall efficiency can be automatically or manually selected:
Examples:
Table 12. DCDC control2
Register
Addr: 22h
DCDC control2
This register controls the Step Up DC/DC Converter and low-voltage current
sinks CURR3x.
Bit
Bit Name
Default Access
Description
0
step_up_res
0R/W
Gain selection for Step Up DC/DC Converter
0
Select 0 if Step Up DC/DC Converter is used
with current feedback (CURR1, CURR2,
CURR6) or if DCDC_FB is used with current
feedback only – R2, C7, C8 connected, R3 not
used
1
Select 1 if DCDC_FB is used with external
resistor divider using 2 resistors: R2 and R3
1
skip_fast
0R/W
Step Up DC/DC Converter output voltage at low loads,
when pulse skipping is active
0
Accurate output voltage, more ripple
1
Elevated output voltage, less ripple
2
step_up_prot
1R/W
Step Up DC/DC Converter protection
0
No over voltage protection
1
Over voltage protection on pin DCDC_FB
enabled voltage limitation =1.25V on DCDC_FB
3
step_up_lowcur
0R/W
Step Up DC/DC Converter coil current limit
0
Normal current limit
1
Current limit reduced by approx. 33%
7
step_up_fb_auto
0R/W
0
step_up_fb selects the feedback of the DCDC
converter
1
If step_up_fb is not DCDC_FB (00), then
feedback is automatically chosen within the
current sinks CURR1, CURR2 and CURR6.
Only those are used for this selection, which are
enabled (currX_mode must not be 00) and not
connected to the charge pump (currX_on_cp
must be 0).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com