Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3676 Datasheet(PDF) 79 Page - ams AG

Part # AS3676
Description  Flexible Lighting Management
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3676 Datasheet(HTML) 79 Page - ams AG

Back Button AS3676 Datasheet HTML 75Page - ams AG AS3676 Datasheet HTML 76Page - ams AG AS3676 Datasheet HTML 77Page - ams AG AS3676 Datasheet HTML 78Page - ams AG AS3676 Datasheet HTML 79Page - ams AG AS3676 Datasheet HTML 80Page - ams AG AS3676 Datasheet HTML 81Page - ams AG AS3676 Datasheet HTML 82Page - ams AG AS3676 Datasheet HTML 83Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 92 page
background image
www.austriamicrosystems.com/AS3676
1v1-4
78 - 91
AS3676
Datasheet - D e ta i l e d D e s c r i p t i o n

Read Formats
- Current-Address Read
- Random-Read
- Sequential-Read

DATA Input Delay and CLK spike filtering by integrated RC components
8.11.2 Device Address Selection
The serial interface address of the AS3676 has the following address:

80h – Write Commands

81h – Read Commands
Figure 35. Complete Serial Data Transfer
Serial Data Transfer Formats
Definitions used in the serial data transfer format diagrams are listed in the following table:
Figure 36. Serial Interface Byte Write
Table 120. Serial Data Transfer Byte Definitions
Symbol
Definition
R/W (AS3676 Slave)
Note
S
Start Condition after Stop
R
1 bit
Sr
Repeated Start
R
1 bit
DW
Device Address for Write
R
10000000b (80h).
DR
Device Address for Read
R
10000001b (81h)
WA
Word Address
R
8 bits
A
Acknowledge
W
1 bit
N
Not Acknowledge
R
1 bit
reg_data
Register Data/Write
R
8 bits
data (n)
Register Data/read
R
1 bit
P
Stop Condition
R
8 bits
WA++
Increment Word Address Internally
R
During Acknowledge
S
Start
Condition
Address R/W
ACK
Data
ACK
Data
ACK
Stop
Condition
P
DATA
CLK
1-7
8
9
1-7
89
1-7
8
9
S
DW
A
WA
A
reg_data
A P
Write Register
WA++
AS3675 (= Slave) receives data
AS3675 (= Slave) transmits data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com