Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3676 Datasheet(PDF) 36 Page - ams AG

Part # AS3676
Description  Flexible Lighting Management
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3676 Datasheet(HTML) 36 Page - ams AG

Back Button AS3676 Datasheet HTML 32Page - ams AG AS3676 Datasheet HTML 33Page - ams AG AS3676 Datasheet HTML 34Page - ams AG AS3676 Datasheet HTML 35Page - ams AG AS3676 Datasheet HTML 36Page - ams AG AS3676 Datasheet HTML 37Page - ams AG AS3676 Datasheet HTML 38Page - ams AG AS3676 Datasheet HTML 39Page - ams AG AS3676 Datasheet HTML 40Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 92 page
background image
www.austriamicrosystems.com/AS3676
1v1-4
35 - 91
AS3676
Datasheet - D e ta i l e d D e s c r i p t i o n
8.4.5
General Purpose Current Sinks CURR4x
These low voltage current sinks have a resolution of 8 bits and can sink up to 38.25mA.
General Purpose Current Sinks CURR4x Registers
Table 45. CURR4x Sinks Characteristics
Symbol
Parameter
Condition
Min
Typ
Max
Unit
IBIT7
Current sink if Bit7 = 1
For V(CURRx) > 0.2V
19.2
mA
IBIT6
Current sink if Bit6 = 1
9.6
IBIT5
Current sink if Bit5 = 1
4.8
IBIT4
Current sink if Bit4 = 1
2.4
IBIT3
Current sink if Bit3 = 1
1.2
IBIT2
Current sink if Bit2 = 1
0.6
IBIT1
Current sink if Bit1 = 1
0.3
IBIT0
Current sink if Bit0 = 1
0.15
m
1
1. Variation between currents within this group
matching Accuracy
CURR4x
IBIT7 and IBIT6
-5
+5
%
all other bits
-10
+10
%
2. Variation between the programmed current and the actual current
absolute Accuracy
-15
+15
%
VCURR41,42,43x
Voltage compliance
0.2
CPO
UT
V
Table 46. curr4 control
Register
Addr: 04h
curr4 control
This register selects the mode of the current sinks CURR41, CURR42,
CURR43
Bit
Bit Name
Default Access
Description
1:0
curr41_mode
0R/W
Select the mode of the current sink CURR41
00b
off
01b
on
10b
PWM controlled
11b
LED pattern controlled
3:2
curr42_mode
0R/W
Select the mode of the current sink CURR42
00b
off
01b
on
10b
PWM controlled
11b
LED pattern controlled
5:4
curr43_mode
0R/W
Select the mode of the current sink CURR43
00b
off
01b
on
10b
PWM controlled
11b
LED pattern controlled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com