Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3676 Datasheet(PDF) 46 Page - ams AG

Part # AS3676
Description  Flexible Lighting Management
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3676 Datasheet(HTML) 46 Page - ams AG

Back Button AS3676 Datasheet HTML 42Page - ams AG AS3676 Datasheet HTML 43Page - ams AG AS3676 Datasheet HTML 44Page - ams AG AS3676 Datasheet HTML 45Page - ams AG AS3676 Datasheet HTML 46Page - ams AG AS3676 Datasheet HTML 47Page - ams AG AS3676 Datasheet HTML 48Page - ams AG AS3676 Datasheet HTML 49Page - ams AG AS3676 Datasheet HTML 50Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 92 page
background image
www.austriamicrosystems.com/AS3676
1v1-4
45 - 91
AS3676
Datasheet - D e ta i l e d D e s c r i p t i o n
Table 59. Adder Current 2
Register
Addr: 31h
Adder Current 2
This register defines the current which can be added to CURR2, CURR31,
CURR42, RGB2
Bit
Bit Name
Default Access
Description
7:0
adder_current2
00b
R/W
Selects the added current value – do not exceed together
with currX_current the internal 8 Bit range (see text)
00h
0 (represents 0mA)
....
....
FFh
255 (represents 38.25mA)
Table 60. Adder Current 3
Register
Addr: 32h
Adder Current 3
This register defines the current which can be added to CURR6, CURR32,
CURR43, RGB3
Bit
Bit Name
Default Access
Description
7:0
adder_current3
00b
R/W
Selects the added current value – do not exceed together
with currX_current the internal 8 Bit range (see text)
00h
0 (represents 0mA)
....
....
FFh
255 (represents 38.25mA)
Table 61. Adder Current 4
Register
Addr: 52h
Adder Current 4
This register defines the current which can be added to CURR33
Bit
Bit Name
Default Access
Description
7:0
adder_current4
00b
R/W
Selects the added current value – do not exceed together
with currX_current the internal 8 Bit range (see text)
00h
0 (represents 0mA)
....
....
FFh
255 (represents 38.25mA)
Table 62. Adder Enable 1
Register
Addr: 33h
Adder Enable 1
Enables the adder circuit for the selected current sources
Bit
Bit Name
Default Access
Description
0
rgb1_adder
0R/W
Enables adder circuit for current source RGB1
0
Normal Operation of the current source
1
adder_current1 gets added to the current
source current
1
rgb2_adder
0R/W
Enables adder circuit for current source RGB2
0
Normal Operation of the current source
1
adder_current2 gets added to the current
source current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com