Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3676 Datasheet(PDF) 64 Page - ams AG

Part # AS3676
Description  Flexible Lighting Management
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3676 Datasheet(HTML) 64 Page - ams AG

Back Button AS3676 Datasheet HTML 60Page - ams AG AS3676 Datasheet HTML 61Page - ams AG AS3676 Datasheet HTML 62Page - ams AG AS3676 Datasheet HTML 63Page - ams AG AS3676 Datasheet HTML 64Page - ams AG AS3676 Datasheet HTML 65Page - ams AG AS3676 Datasheet HTML 66Page - ams AG AS3676 Datasheet HTML 67Page - ams AG AS3676 Datasheet HTML 68Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 92 page
background image
www.austriamicrosystems.com/AS3676
1v1-4
63 - 91
AS3676
Datasheet - D e ta i l e d D e s c r i p t i o n
8.6
LED Test
Figure 26. LED Function Testing
The AS3676 supports the verification of the functionality of all the connected LEDs (open and shorted LEDs can be
detected). This feature is especially useful in production test to verify the correct assembly of the LEDs, all its connec-
tors and cables. It can also be used in the field to verify if any of the LEDs is damaged. A damaged LED can then be
disabled (to avoid unnecessary currents).
The current sources, charge pump, dcdc converter and the internal ADC are used to verify the forward voltage of the
LEDs. If this forward voltage is within the specified limits of the LEDs, the external circuitry is assumed to operate.
8.6.1
Function Testing for single LEDs connected to the Charge Pump
For any current source connected to the charge pump (CURR30-33) where only one LED is connected between the
charge pump and the current sink (see Figure 1) use:
Table 102. Function Testing for LEDs connected to the Charge Pump
Step
Action
Example Code
1
Switch on the charge pump and set it into manual
1:2 mode (to avoid automatic mode switching
during measurements)
Reg 23h
 14h (cp_mode = 1:2, manual)
Reg 00h
 04h (cp_on = 1)
2
Switch on the current sink for the LED to be tested
e.g. for register CURR31set to 9mA use
Reg 10h
 0Fh (curr3x_other = 9mA)
Reg 03h
 0ch (curr31_mode = curr31_other)
3
Measure with the ADC the voltage on CPOUT
Reg 26h
 95h (adc_select=CPOUT,start ADC)
Fetch the ADC result from Reg 27h and 28h
4
Measure with the ADC the voltage on the switched
on current sink
Reg 26h
 8bh (adc_select=CURR31,start ADC)
Fetch the ADC result from Reg 27h and 28h
5
Switch off the current sink for the LED to be tested
Reg 03h
 00h (curr31_mode = off)
6
Compare the difference between the ADC
measurements (which is the actual voltage across
the tested LED) against the specification limits of
the tested LED
Calculation performed in baseband uProcessor
 

 
 
 

 

   
!
"
#
$
%&'
%
)"!"!* +
AS3676



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com