Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3676 Datasheet(PDF) 81 Page - ams AG

Part # AS3676
Description  Flexible Lighting Management
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3676 Datasheet(HTML) 81 Page - ams AG

Back Button AS3676 Datasheet HTML 77Page - ams AG AS3676 Datasheet HTML 78Page - ams AG AS3676 Datasheet HTML 79Page - ams AG AS3676 Datasheet HTML 80Page - ams AG AS3676 Datasheet HTML 81Page - ams AG AS3676 Datasheet HTML 82Page - ams AG AS3676 Datasheet HTML 83Page - ams AG AS3676 Datasheet HTML 84Page - ams AG AS3676 Datasheet HTML 85Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 92 page
background image
www.austriamicrosystems.com/AS3676
1v1-4
80 - 91
AS3676
Datasheet - D e ta i l e d D e s c r i p t i o n
Figure 40. Serial Interface Current Address Read
To keep the access time as small as possible, this format allows a read access without the word address transfer in
advance to the data transfer. The bus is idle and the master issues a START condition followed by the Device-Read
address.
Analogous to Random Read, a single byte transfer is terminated with a NOT ACKNOWLEDGE after the 1st register
byte. Analogous to Sequential Read an unlimited number of data bytes can be transferred, where the data bytes must
be responded to with an ACKNOWLEDGE from the master.
For termination of the transmission the master sends a NOT ACKNOWLEDGE following the last data byte and a sub-
sequent STOP condition.
8.12 Operating Modes
If the voltages on CLK and DATA is less than VPOR_PERI for > tPOR_DEB (see Table 115 on page 75), the AS3676 is in
shutdown mode and its current consumption is minimized (IBAT = ISHUTDOWN) and all internal registers are reset to their
default values.
If the voltage at CLK or DATA rises above VPOR_PERI, the AS3676 serial interface is enabled and the AS3676 and the
standby mode is selected. The AS3676 is switched automatically from standby mode (IBAT = ISTANBY) into normal
mode (IBAT = IACTIVE) and back, if one of the following blocks are activated:

Charge pump

Step up regulator

Any current sink

ADC conversion started

PWM active

Pattern mode active.
If any of these blocks are already switched on the internal oscillator is running and a write instruction to the registers is
directly evaluated within 1 internal CLK cycle (typ. 1µs)
If all these blocks are disabled, a write instruction to enable these blocks is delayed by 64 CLK cycles (oscillator will
startup, within max 200µs).
S
DR
A
data 1
A
data 2
…
A
data n
N P
Read Register
WA++
Read Register
WA++
Read Register
WA++
Read Register
WA++
AS3675 (= slave) receives data
AS3675 (= slave) transmits data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com