Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3676 Datasheet(PDF) 44 Page - ams AG

Part # AS3676
Description  Flexible Lighting Management
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3676 Datasheet(HTML) 44 Page - ams AG

Back Button AS3676 Datasheet HTML 40Page - ams AG AS3676 Datasheet HTML 41Page - ams AG AS3676 Datasheet HTML 42Page - ams AG AS3676 Datasheet HTML 43Page - ams AG AS3676 Datasheet HTML 44Page - ams AG AS3676 Datasheet HTML 45Page - ams AG AS3676 Datasheet HTML 46Page - ams AG AS3676 Datasheet HTML 47Page - ams AG AS3676 Datasheet HTML 48Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 92 page
background image
www.austriamicrosystems.com/AS3676
1v1-4
43 - 91
AS3676
Datasheet - D e ta i l e d D e s c r i p t i o n
PWM Generator Registers
25
5,5
14
1,20s
0,60s
0,120s
0,060s
26
5,1
13
1,25s
0,63s
0,125s
0,063s
27
4,7
12
1,30s
0,65s
0,130s
0,065s
28
4,3
11
1,35s
0,68s
0,135s
0,068s
29
3,9
10
1,40s
0,70s
0,140s
0,070s
30
3,5
9
1,45s
0,73s
0,145s
0,073s
31
3,1
8
1,50s
0,75s
0,150s
0,075s
32
2,7
7
1,55s
0,78s
0,155s
0,078s
33
2,4
6
1,60s
0,80s
0,160s
0,080s
34
2,0
5
1,65s
0,83s
0,165s
0,083s
35
1,6
4
1,70s
0,85s
0,170s
0,085s
36
1,2
3
1,75s
0,88s
0,175s
0,088s
37
0,8
2
1,80s
0,90s
0,180s
0,090s
38
0,4
1
1,85s
0,93s
0,185s
0,093s
39
0,0
0
1,90s
0,95s
0,190s
0,095s
Table 56. Pwm control
Register
Addr: 16h
Pwm control
This register controls PWM generator
Bit
Bit Name
Default Access
Description
2:1
pwm_dim_mode
00b
R/W
Selects the dimming mode
00b
no dimming; actual content of register
pwm_code is used for pwm generator
01b
logarithmic up dimming (codes are increased).
Start value is actual pwm_code
10b
logarithmic down dimming (codes are
decreased). Start value is actual pwm_code;
switch off the dimmed current source after
dimming is finished to avoid unnecessary
quiescent current
11b
NA
Table 55. PWM Dimming Table
Decrease by 1/4th
every step
Decrease by 1/8th
every step
Seconds
Seconds
Seconds
Seconds
Step
%Dimming
PWM
%Dimming
PWM
50msec/
Step
25msec/
Step
5msec/
Step
2.5msec/
Step



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com