Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3676 Datasheet(PDF) 37 Page - ams AG

Part # AS3676
Description  Flexible Lighting Management
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3676 Datasheet(HTML) 37 Page - ams AG

Back Button AS3676 Datasheet HTML 33Page - ams AG AS3676 Datasheet HTML 34Page - ams AG AS3676 Datasheet HTML 35Page - ams AG AS3676 Datasheet HTML 36Page - ams AG AS3676 Datasheet HTML 37Page - ams AG AS3676 Datasheet HTML 38Page - ams AG AS3676 Datasheet HTML 39Page - ams AG AS3676 Datasheet HTML 40Page - ams AG AS3676 Datasheet HTML 41Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 92 page
background image
www.austriamicrosystems.com/AS3676
1v1-4
36 - 91
AS3676
Datasheet - D e ta i l e d D e s c r i p t i o n
8.4.6
LED Pattern Generator
The LED pattern generator is capable of producing a pattern with 32 bits length and 1 second duration (31.25ms for
each bit). The pattern itself can be started every second, every 2
nd, 3rd up to 7th second4.
With this pattern all current sinks can be controlled. The pattern itself switches the configured current sources between
0 and their programmed current.
If everything else is switched off, the current consumption in this mode is IACTIVE. (excluding current through switched
on current source) and the charge pump, if required. The charge pump can be automatically switched on/off depending
on the pattern (set register cp_auto_on on page 20=1) to reduce the overall current consumption.
LED pattern start/stop depends on writing the pattern registers in correct order - it is recommended to use austriami-
crosystems Android driver to ensure this.
Table 47. Curr41 current
Register
Addr: 13h
Curr41 current
This register controls the curr41 current sink current.
Bit
Bit Name
Default Access
Description
7:0
curr41_current
0R/W
Defines current into Current sink CURR41
00h
0 mA
01h
0.15 mA
....
....
FFh
38.25 mA
Table 48. Curr42 current
Register
Addr: 14h
Curr42 current
This register controls the curr42 current sink current.
Bit
Bit Name
Default Access
Description
7:0
curr42_current
0R/W
Defines current into Current sink CURR42
00h
0 mA
01h
0.15 mA
....
....
FFh
38.25 mA
Table 49. Curr43 current
Register
Addr: 15h
Curr43 current
This register controls the curr43 current sink current.
Bit
Bit Name
Default Access
Description
7:0
curr43_current
0R/W
Defines current into Current sink CURR43
00h
0 mA
01h
0.15 mA
....
....
FFh
38.25 mA
4. All times can be extended by a factor of 8 by setting pattern_slow=1 (this result in a delay of up to 56s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com