Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3676 Datasheet(PDF) 59 Page - ams AG

Part # AS3676
Description  Flexible Lighting Management
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3676 Datasheet(HTML) 59 Page - ams AG

Back Button AS3676 Datasheet HTML 55Page - ams AG AS3676 Datasheet HTML 56Page - ams AG AS3676 Datasheet HTML 57Page - ams AG AS3676 Datasheet HTML 58Page - ams AG AS3676 Datasheet HTML 59Page - ams AG AS3676 Datasheet HTML 60Page - ams AG AS3676 Datasheet HTML 61Page - ams AG AS3676 Datasheet HTML 62Page - ams AG AS3676 Datasheet HTML 63Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 92 page
background image
www.austriamicrosystems.com/AS3676
1v1-4
58 - 91
AS3676
Datasheet - D e ta i l e d D e s c r i p t i o n
Figure 25. GPIOs and VANA/GPI Blockdiagram
8.5.1 Unused GPIO Pins
If the pins GPIO1/DLS or GPIO2/LIGHT are not used, they can be left open (an internal pulldown, which is enabled by
default, will pull them to GND).
8.5.2 GPIO Characteristics
Table 95. GPIO DC Characteristics
Symbol
Parameter
Condition
Min
Typ
Max
Unit
Rpull
Pull up/Pull down
Resistance
enabled by gpio1_pulls and
gpio2_pulls
30
75
k
VGPIO
Supply Voltage
=VANA/GPI
1.8
3.35
V
VIH
High Level Input
Voltage
pins GPIO1/DLS and GPIO2/
LIGHT
55% of
VANA/
GPI
V
VIL
Low Level Input
Voltage
28% of
VANA/
GPI
V
VHYS
Hysteresis
5% of
VANA/
GPI
V
ILEAK
Input Leakage Current To V2_5 or VANA/GPI and VSS
-5
5
µA
VOH
High Level Output
Voltage
at Iout
0.8·VANA
/GPI
V




 



 !"#"$

"%!%#&'
!%#$
"(!'
' 
)!%*(" +(!%, -
*(" +"
'*("+(!%,

' 
*("+"
*("+

*(" +(!%
*(" +!',
.#*(" +/#, 
.#)'*("+(!%, -
*(" +!',
.#*(" +/#,  
.#)'*("+(!%, -
/.0
+
12
*(" +3+1!
' 
)!%*("+(!%, -
*("+"
'*("+(!%,

*("+(!%
*("+!',
.#*("+/#, 
.#)'*("+(!%, -
*("+!',
.#*("+/#,  
.#)'*("+(!%, -
*("+3+1!

4
AS3676



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com