Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3676 Datasheet(PDF) 39 Page - ams AG

Part # AS3676
Description  Flexible Lighting Management
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3676 Datasheet(HTML) 39 Page - ams AG

Back Button AS3676 Datasheet HTML 35Page - ams AG AS3676 Datasheet HTML 36Page - ams AG AS3676 Datasheet HTML 37Page - ams AG AS3676 Datasheet HTML 38Page - ams AG AS3676 Datasheet HTML 39Page - ams AG AS3676 Datasheet HTML 40Page - ams AG AS3676 Datasheet HTML 41Page - ams AG AS3676 Datasheet HTML 42Page - ams AG AS3676 Datasheet HTML 43Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 92 page
background image
www.austriamicrosystems.com/AS3676
1v1-4
38 - 91
AS3676
Datasheet - D e ta i l e d D e s c r i p t i o n
With the AS3676 smooth fade-in and fade-out effects can be automatically generated.
As there is only one dimming ramp generator and one pwm modulator following constraints have to be considered
when setting up the pattern (applies only if pattern_color=1):
Figure 18. Soft dimming example Waveform for CURR30-32
However using the identical dimming waveform for two channels is possible as shown in the following figure:
Figure 19. Soft dimming example Waveform for CURR30-32
LED Pattern Registers
Table 50. Pattern data0...Pattern data3
Registers
Addr: 19h,1Ah,1Bh,1Ch
Pattern data0, Pattern data1, Pattern data2, Pattern data3
This registers contains the pattern data for the current sinks.
Bit
Bit Name
Default Access
Description
7:0
pattern_data[7:0]
1
1. Update any of the pattern register only if none of the current sources is connected to the pattern generator
('xxxx'_mode must not be 11b). The pattern generator is automatically started at the same time when any of the
current sources is connected to the pattern generator
0
R/W
Pattern data0
7:0
pattern_data[15:8]
0
R/W
Pattern data1
7:0
pattern_data[23:16]
0
R/W
Pattern data2
7:0
pattern_data[31:24]
0
R/W
Pattern data3

    
  
      
  
  
    
  
         

  



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com