Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3676 Datasheet(PDF) 12 Page - ams AG

Part # AS3676
Description  Flexible Lighting Management
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3676 Datasheet(HTML) 12 Page - ams AG

Back Button AS3676 Datasheet HTML 8Page - ams AG AS3676 Datasheet HTML 9Page - ams AG AS3676 Datasheet HTML 10Page - ams AG AS3676 Datasheet HTML 11Page - ams AG AS3676 Datasheet HTML 12Page - ams AG AS3676 Datasheet HTML 13Page - ams AG AS3676 Datasheet HTML 14Page - ams AG AS3676 Datasheet HTML 15Page - ams AG AS3676 Datasheet HTML 16Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 92 page
background image
www.austriamicrosystems.com/AS3676
1v1-4
11 - 91
AS3676
Datasheet - D e ta i l e d D e s c r i p t i o n
8.2
Step Up DC/DC Converter
The Step Up DC/DC Converter is a high-efficiency current mode PWM regulator, providing output voltage up to e.g.
25V/50mA
1. A constant switching-frequency results in a low noise on the supply and output voltages.
Figure 11. Step Up DCDC Converter Block Diagram Option: Current Feedback with Over voltage protection
1. The AS3676 internal driver structure allows output voltage higher than 25V. The Over voltage Protection in
Current Feedback Mode (see page 13) or Voltage Feedback (see page 14) should be set to fit to the exter-
nal components used (maximum voltage rating of Q1, C9 and D1).
Table 8. Step Up DC/DC Converter Parameters
Symbol
Parameter
Condition
Min
Typ
Max
Unit
IVDD
Quiescent Current
Pulse skipping mode.
140
µA
VFB1
Feedback Voltage for
External Resistor
Divider
For constant voltage control.
step_up_res = 1
1.20
1.25
1.30
V
VFB2
Feedback Voltage for
Current Sink
Regulation
on CURR1, CURR2 or CURR6 in regulation.
step_up_res = 0
0.4
0.5
0.6
V
 
   

    
! "
#
$%&'
%(
 '
)
 *+
 *,-.
 *'/
01

1
(
 '

&'
 1
/ 2

3
&

%


#



$
( %   ! 42 5  6
 "!47 8 69 !6
AS3676



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com